Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD70F3201 Datasheet(PDF) 5 Page - NEC

No. de Pieza. UPD70F3201
Descripción  32-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD70F3201 Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
5
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
(2/2)
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
G11
EVSS
K13
PDL3/AD3
M7
PCS4
G12
PDL10/AD10
L1
P93/A3/INTP6
M8
PCM0/WAIT
G13
EVDD
L2
P94/A4/TO2
M9
PCM2/HLDAK
H1
VSSBU
L3
P911/A11/SO2
M10
PCT3
H2
VDDBU
L4
P914/A14/SO3
M11
PCT4/RD
H3
XT2
L5
P915/A15/SCK3
M12
PCT7
H11
PDL8/AD8
L6
EVDD
M13
PDL0/AD0
H12
IC/FLMD0
Notes 1, 2
L7
PCS0/CS0
N1
P96/A6/TO4
H13
PDL9/AD9
L8
PCS2/CS2
N2
P98/A8/RXD1
J1
P20/SI4
L9
PCM4
N3
P910/A10/SI2
J2
P91/A1
L10
PCT2
N4
P912/A12/SCK2
J3
P90/A0
L11
PCT0/WR0
N5
PCS7
J11
PDL5/AD5/FLMD1
Note 1
L12
PDL1/AD1
N6
PCS6
J12
PDL7/AD7
L13
PDL2/AD2
N7
PCS1/CS1
J13
PDL6/AD6
M1
P95/A5/TO3
N8
PCS3/CS3
K1
P22/SCK4
M2
P97/A7/TO5
N9
PCM5
K2
P92/A2/INTP5
M3
P99/A9/TXD1
N10
PCM3/HLDRQ
K3
P21/SO4
M4
P913/A13/SI3
N11
PCT1/WR1
K11
PCM1/CLKOUT
M5
EVSS
N12
PCT5
K12
PDL4/AD4
M6
PCS5
N13
PCT6/ASTB
Notes 1. FLMD0 and FLMD1 are valid only for
µPD70F3204Y and 70F3204Y.
2. IC: Connect directly to VSS (
µPD703204, 703204Y).
FLMD0: Connect to VSS in normal mode (
µPD70F3204, 70F3204Y).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98