Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD70F3208 Datasheet(PDF) 71 Page - NEC

No. de pieza UPD70F3208
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  757 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD70F3208 Datasheet(HTML) 71 Page - NEC

Back Button UPD70F3208 Datasheet HTML 67Page - NEC UPD70F3208 Datasheet HTML 68Page - NEC UPD70F3208 Datasheet HTML 69Page - NEC UPD70F3208 Datasheet HTML 70Page - NEC UPD70F3208 Datasheet HTML 71Page - NEC UPD70F3208 Datasheet HTML 72Page - NEC UPD70F3208 Datasheet HTML 73Page - NEC UPD70F3208 Datasheet HTML 74Page - NEC UPD70F3208 Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 757 page
background image
CHAPTER 2 PIN FUNCTIONS
User’s Manual U15862EJ3V0UD
71
(iv) HLDRQ (hold request) ... Input
This is the input pin by which an external device requests the V850ES/KF1 to release the external
address/data bus and strobe pins. This pin supports asynchronous input for CLKOUT. When this pin
is active, the external address/data bus and strobe pins are set to high impedance either when the
V850ES/KF1 completes execution of the current bus cycle, or immediately if no bus cycle is being
executed. The HLDAK signal is then made active and the bus is released.
To ensure that the bus hold state is entered, keep the HLDRQ signal active until the HLDAK signal is
output.
(9) PCS0, PCS1 (port CS) ... I/O
Port CS is a 2-bit I/O port for which input and output can be set in 1-bit units.
In addition to functioning as a port, PCS0 and PCS1 can also be used for chip select signal output when the
memory is expanded externally in the control mode.
The port mode and control mode can be selected as the operation mode for each bit, and are specified by the
port CS mode control register (PMCCS).
(a) Port mode
PCS0 and PCS1 can be set to input or output in 1-bit units by the port CS mode register (PMCS).
(b) Control mode
PCS0 and PCS1 can be set to the port mode or control mode in 1-bit units by the PMCCS register.
(i)
CS0, CS1 (chip select) ... Output
These are the chip select signals for external memory and external peripheral I/Os.
Signal CSn is allocated to memory block n (n = 0, 1).
These pins become active when a bus cycle for accessing the corresponding memory block is
started.
In the idle state (TI), these pins are inactive.
(10) PCT0, PCT1, PCT4, PCT6 (port CT) ... I/O
Port CT is a 4-bit I/O port for which input and output can be set in 1-bit units.
In addition to functioning as a port, PCT0, PCT1, PCT4, and PCT6 can also be used for control signal output
when the memory is expanded externally in the control mode.
The port mode and control mode can be selected as the operation mode for each bit, and are specified by the
port CT mode control register (PMCCT).
(a) Port mode
PCT0, PCT1, PCT4, and PCT6 can be set to input or output in 1-bit units by the port CT mode register
(PMCT).
(b) Control mode
PCT0, PCT1, PCT4, and PCT6 can be set to the port mode or control mode in 1-bit units by the PMCCT
register.
(i)
WR0 (lower byte write strobe) ... Output
This is the write strobe signal output pin for the lower data of the external 16-bit data bus.


Número de pieza similar - UPD70F3208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3201GC-8EU NEC-UPD70F3201GC-8EU Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3201Y NEC-UPD70F3201Y Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3201YGC-8EU NEC-UPD70F3201YGC-8EU Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3204 NEC-UPD70F3204 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Descripción similar - UPD70F3208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com