Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD70F3212 Datasheet(PDF) 80 Page - NEC

No. de pieza UPD70F3212
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  861 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD70F3212 Datasheet(HTML) 80 Page - NEC

Back Button UPD70F3212 Datasheet HTML 76Page - NEC UPD70F3212 Datasheet HTML 77Page - NEC UPD70F3212 Datasheet HTML 78Page - NEC UPD70F3212 Datasheet HTML 79Page - NEC UPD70F3212 Datasheet HTML 80Page - NEC UPD70F3212 Datasheet HTML 81Page - NEC UPD70F3212 Datasheet HTML 82Page - NEC UPD70F3212 Datasheet HTML 83Page - NEC UPD70F3212 Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 861 page
background image
CHAPTER 3 CPU FUNCTIONS
User’s Manual U16890EJ1V0UD
80
(5/10)
Operable Bit Unit
Address
Function Register Name
Symbol
R/W
1
8
16
32
After Reset
FFFFF618H
Capture/compare control register 01
CRC01
R/W
00H
FFFFF619H
16-bit timer output control register 01
TOC01
R/W
00H
FFFFF620H
16-bit timer counter 02
TM02
R
0000H
FFFFF622H
16-bit timer capture/compare register 020
CR020
R/W
0000H
FFFFF624H
16-bit timer capture/compare register 021
CR021
R/W
0000H
FFFFF626H
16-bit timer mode control register 02
TMC02
R/W
00H
FFFFF627H
Prescaler mode register 02
PRM02
R/W
00H
FFFFF628H
Capture/compare control register 02
CRC02
R/W
00H
FFFFF629H
16-bit timer output control register 02
TOC02
R/W
00H
FFFFF630H
16-bit timer counter 03
TM03
R
0000H
FFFFF632H
16-bit timer capture/compare register 030
CR030
R/W
0000H
FFFFF634H
16-bit timer capture/compare register 031
CR031
R/W
0000H
FFFFF636H
16-bit timer mode control register 03
TMC03
R/W
00H
FFFFF637H
Prescaler mode register 03
PRM03
R/W
00H
FFFFF638H
Capture/compare control register 03
CRC03
R/W
00H
FFFFF639H
16-bit timer output control register 03
TOC03
R/W
00H
FFFFF680H
Watch timer operation mode register
WTM
R/W
00H
FFFFF6C0H
Oscillation stabilization time select register
OSTS
R/W
01H
FFFFF6C1H
Watchdog timer clock selection register
WDCS
R/W
00H
FFFFF6C2H
Watchdog timer mode register 1
WDTM1
R/W
00H
FFFFF6D0H
Watchdog timer mode register 2
WDTM2
R/W
67H
FFFFF6D1H
Watchdog timer enable register
WDTE
R/W
9AH
FFFFF6E0H
Real-time output buffer register L0
RTBL0
R/W
00H
FFFFF6E2H
Real-time output buffer register H0
RTBH0
R/W
00H
FFFFF6E4H
Real-time output port mode register 0
RTPM0
R/W
00H
FFFFF6E5H
Real-time output port control register 0
RTPC0
R/W
00H
FFFFF706H
Port 3 function control expansion register
PFCE3
Note
R/W
00H
FFFFF802H
System status register
SYS
R/W
00H
FFFFF806H
PLL control register
PLLCTL
R/W
01H
FFFFF820H
Power save mode register
PSMR
R/W
00H
FFFFF828H
Processor clock control register
PCC
R/W
03H
FFFFF840H
Correction address register 0
CORAD0
R/W
00000000H
FFFFF840H
Correction address register 0L
CORAD0L
R/W
0000H
FFFFF842H
Correction address register 0H
CORAD0H
R/W
0000H
FFFFF844H
Correction address register 1
CORAD1
R/W
00000000H
FFFFF844H
Correction address register 1L
CORAD1L
R/W
0000H
FFFFF846H
Correction address register 1H
CORAD1H
R/W
0000H
FFFFF848H
Correction address register 2
CORAD2
R/W
00000000H
FFFFF848H
Correction address register 2L
CORAD2L
R/W
0000H
FFFFF84AH
Correction address register 2H
CORAD2H
R/W
0000H
Note Only in the
µPD703215, 703215Y, 70F3215H, 70F3215HY


Número de pieza similar - UPD70F3212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Descripción similar - UPD70F3212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com