Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZT2222AT1D Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza PZT2222AT1D
Descripción Electrónicos  NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2222AT1D Datasheet(HTML) 4 Page - ON Semiconductor

  PZT2222AT1D Datasheet HTML 1Page - ON Semiconductor PZT2222AT1D Datasheet HTML 2Page - ON Semiconductor PZT2222AT1D Datasheet HTML 3Page - ON Semiconductor PZT2222AT1D Datasheet HTML 4Page - ON Semiconductor PZT2222AT1D Datasheet HTML 5Page - ON Semiconductor PZT2222AT1D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PZT2222AT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT-223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT-223
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
0.091
2.3
mm
inches
SOT-223 POWER DISSIPATION
The power dissipation of the SOT-223 is a function of the
pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max), the maximum rated junction temperature of the
die, R
θJA, the thermal resistance from the device junction to
ambient, and the operating temperature, TA. Using the
values provided on the data sheet for the SOT-223 package,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 1.5 watts.
PD =
150
°C – 25°C
= 1.5 watts
83.3
°C/W
The 83.3
°C/W for the SOT-223 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 1.5 watts. There are
other alternatives to achieving higher power dissipation from
the SOT-223 package. One is to increase the area of the
collector pad. By increasing the area of the collector pad, the
power dissipation can be increased. Although the power
dissipation can almost be doubled with this method, area is
taken up on the printed circuit board which can defeat the
purpose of using surface mount technology. A graph of R
θJA
versus collector pad area is shown in Figure 3.
0.8 Watts
1.25 Watts*
1.5 Watts
°
A, Area (square inches)
0.0
0.2
0.4
0.6
0.8
1.0
160
140
120
100
80
Figure 3. Thermal Resistance versus Collector
Pad Area for the SOT-223 Package (Typical)
Board Material = 0.0625
G-10/FR-4, 2 oz Copper
TA = 25°C
*Mounted on the DPAK footprint
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Número de pieza similar - PZT2222AT1D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

Descripción similar - PZT2222AT1D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com