Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3N249 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
3N249 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page KBP005M thru KBP10M, 3N246 thru 3N252 Document Number 88531 03-Dec-04 Vishay Semiconductors www.vishay.com 1 Case Style KBPM ~ ~ ~ ~ Glass Passivated Single-Phase Bridge Rectifier Major Ratings and Characteristics IF(AV) 1.5 A VRRM 50 V to 1000 V IFSM 50 A IR 5 µA VF 1.0 V Tj max. 150 °C Features • UL Recognition file number E54214 • Ideal for printed circuit board • High surge current capability • High case dielectric strength • Meets MSL level 1, per J-STD-020C Typical Applications General purpose use in ac-to-dc bridge full wave rec- tification for Switching Power Supply, Home Appli- ances, Office Equipment, and Telecommunication applications Mechanical Data Case: KBPM Epoxy meets UL-94V-0 Flammability rating Terminals: Silver plated (E4 Suffix) leads, solderable per J-STD-002B and MIL-STD-750, Method 2026 Polarity: As marked on body Maximum Ratings Ratings at 25 °C ambient temperature unless otherwise specified. Parameter Symbol KBP 005M KBP 01M KBP 02M KBP 04M KBP 06M KBP 08M KBP 10M Unit 3N246 3N247 3N248 3N249 3N250 3N251 3N252 * Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V * Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V * Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Max. average forward output rectified current at TA = 40 °C IF(AV) 1.5 A * Peak forward surge current single half sine- wave superimposed on rated load IFSM 50 30 A Rating for fusing (t < 8.3 ms) I2t 10 A2sec * Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
Número de pieza similar - 3N249 |
|
Descripción similar - 3N249 |