Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCX163245TB Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 74VCX163245TB
Descripción Electrónicos  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245TB Datasheet(HTML) 5 Page - STMicroelectronics

  74VCX163245TB Datasheet HTML 1Page - STMicroelectronics 74VCX163245TB Datasheet HTML 2Page - STMicroelectronics 74VCX163245TB Datasheet HTML 3Page - STMicroelectronics 74VCX163245TB Datasheet HTML 4Page - STMicroelectronics 74VCX163245TB Datasheet HTML 5Page - STMicroelectronics 74VCX163245TB Datasheet HTML 6Page - STMicroelectronics 74VCX163245TB Datasheet HTML 7Page - STMicroelectronics 74VCX163245TB Datasheet HTML 8Page - STMicroelectronics 74VCX163245TB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74VCX163245
5/15
DC SPECIFICATION FOR VCCA
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(*)
(V)
VCCA
(*)
(V)
TA =25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHA
High Level Input
Voltage (An)
1.8
2.5
1.6
1.6
V
1.8
3.3
2.0
2.0
2.5
3.3
2.0
2.0
VILA
Low Level Input
Voltage (An)
1.8
2.5
0.7
0.7
V
1.8
3.3
0.8
0.8
2.5
3.3
0.8
0.8
VOHA
High Level
Output Voltage
2.3
3.0
IO=-100 µA
2.8
2.8
V
2.3
3.0
IO=-24 mA
2.2
2.2
1.65
3.0
IO=-24 mA
2.2
2.2
1.65
2.3
IO=-18 mA
1.7
1.7
VOLA
Low Level
Output Voltage
2.3
3.0
IO=100 µA
0.2
0.2
V
2.3
3.0
IO=24 mA
0.55
0.55
1.65
3.0
IO=24 mA
0.55
0.55
1.65
2.3
IO=18 mA
0.60
0.60
IIA
Input Leakage
Current
2.7
3.6
VI =VCC or GND
± 0.5
± 5
µA
IOZA
High Impedance
Output Leakage
Current
2.7
3.6
VIA = Gnd or 3.6V
VIB =VIHB or VILB
OE =VCCB
± 1.0
± 10
µA
IIA(HOLD) Input Hold
Current
1.65
2.3
VI = 0.57V
25
25
µA
1.65
2.3
VI = 1.07V
-25
-25
1.65
3.0
VI = 0.57V
25
25
µA
1.65
3.0
VI = 1.07V
-25
-25
2.3
3.0
VI = 0.7V
45
45
µA
2.3
3.0
VI = 1.6V
-45
-45
2.7
3.6
VIB = 0 to 2.7V
± 300
IOFF
Power Off
Leakage Current
00
VIA = Gnd to 3.6V
VIB = Gnd to 3.6V
G, Dir = GND to
3.6V
± 1.0
± 10
µA
ICCtA
Quiescent
Supply Current
1.95
3.6
VIA =VCCA or GND
VIB =VCCB or GND
220
µA
1.95
2.7
2.7
3.6
∆I
CCtA
Maximum
Quiescent
Supply Current /
Input (An)
2.7
3.6
VIA =VCCA -0.6V
VIB =VCCB or GND
0.75
mA
1.95
3.6
1.95
2.7


Número de pieza similar - 74VCX163245TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX163245 FAIRCHILD-74VCX163245 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245G FAIRCHILD-74VCX163245G Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74VCX163245G ONSEMI-74VCX163245G Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245GX FAIRCHILD-74VCX163245GX Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Descripción similar - 74VCX163245TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCXHQ163245 STMICROELECTRONICS-74VCXHQ163245 Datasheet
643Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH BUS HOLD AND EMI NOISE CONTROL
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com