Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SY58021U Datasheet(Hoja de datos) 4 Page - Micrel Semiconductor

No. de Pieza. SY58021U
Descripción  4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo 

   
 4 page
background image
4
Precision Edge®
SY58021U
Micrel, Inc.
M9999-062405
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
/IN
IN
/Q
Q
tpd
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 800mV
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT 1.6V
Figure 1b. Differential Voltage Swing
VCC = 2.5V ±5% or 3.3V ±10%; RL = 50Ω to VCC–2V; TA= –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
V
OUT ≥ 400mV
Clock
4
GHz
NRZ Data
5
Gbps
tpd
Propagation Delay
150
220
300
ps
tCHAN
Channel-to-Channel Skew
Note 7
415
ps
tSKEW
Part-to-Part Skew
Note 8
50
ps
tJITTER
Clock
Cycle-to-Cycle Jitter
Note 9
1psRMS
Total Jitter
Note 10
10
psPP
Data
Random Jitter
Note 11
2.5Gbps – 3.2Gbps
1
psRMS
Deterministic Jitter
Note 12
2.5Gbps – 3.2Gbps
10
psPP
tr, tf
Output Rise/Fall Time 20% to 80%
At full swing.
35
75
110
ps
Notes:
7.
Skew is measured between outputs of the same bank under identical transitions.
8.
Skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs.
9.
Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the output
signal.
10. Total jitter definition: with an ideal clock input of frequency
≤ f
MAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
11. Random jitter is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps/3.2Gbps.
12. Deterministic jitter is measured at 2.5Gbps/3.2Gbps with both K28.5 and 223–1 PRBS pattern
AC ELECTRICAL CHARACTERISTICS




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SY58020U6GHz 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY89832U2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58012U5GHz 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58032UULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58029UULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58038UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY58013U6GHz 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58022U5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR 1 2 3 4 5 MoreMicrel Semiconductor
SY89858UPRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl