Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

IN74HC174A Datasheet(PDF) 5 Page - Integral Corp.

No. de Pieza. IN74HC174A
Descripción  Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo 

IN74HC174A Datasheet(HTML) 5 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IN74HC174A
5
INTEGRAL
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Test Circuit
EXPANDED LOGIC DIAGRAM
RESET
Q
tPHL
V
V
CC
CC
GND
GND
50%
50%
50%
t rec
CLOCK
tw
VCC
GND
90%
90%
50%
50%
10%
10%
t
t
t
t
t
t
f
r
PLH
TLH
PHL
THL
t w
1/fmax
CLOCK
Q
DEVICE
UNDER
TEST
OUTPUT
CL
*
TEST POINT
50%
50%
t
V
V
CC
CC
GND
GND
tsu
h
VALID
DATA
CLOCK


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn