Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


FIN12AC Datasheet(Hoja de datos) 8 Page - Fairchild Semiconductor

No. de Pieza. FIN12AC
Descripción  Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 8 page
background image
Preliminary
www.fairchildsemi.com
8
PLL Circuitry
The CKREF input signal is used to provide a reference to
the PLL. The PLL will generate internal timing signals
capable of transferring data at 14 times the incoming
CKREF signal. The output of the PLL is a Bit Clock that is
used to serialize the data. The bit clock is also sent source
synchronously with the serial data stream.
There are two ways to disable the PLL. The PLL can be
disabled by entering the Mode 0 state. (S1
S2
0). The
PLL will disable immediately upon detecting a LOW on
both the S1 and S2 signals. When any of the other modes
are entered by asserting either S1 or S2 HIGH and by pro-
viding a CKREF signal the PLL will power-up and goes
through a lock sequence. You must wait specified number
of clock cycles prior to capturing valid data into the parallel
port.
An alternate way of powering down the PLL is by stopping
the CKREF signal either HIGH or LOW. Internal circuitry
detects the lack of transitions and shuts the PLL and serial
I/O down. Internal references will not however be disabled
allowing for the PLL to power-up and re-lock in a lesser
number of clock cycles than when exiting Mode 0. When a
transition is seen on the CKREF signal the PLL will once
again be reactivated.
Passing a Word Clock
For some applications it is desirable to pass a word clock
through the deserializer to the serializer and output it as a
reference clock for another device. (See Figure ) This can
be done under the following conditions:
1. The application mode is unidirectional only.
2. The master word clock is generated on the same side
of the cable as the deserializer.
To implement pass through functionality on the deserial-
izer:
1. DIRI
LOW
2. CKREF
LOW
3. Word clock should be connected to the STROBE.
4. This will pass the STROBE signal out the CKSO port.
To implement pass through functionality on the serializer:
1. Connect CKSO of the deserializer to CKSI of the serial-
izer
2. CKSI passes the signal to CKP
3. CKP must be connected to CKREF
If the word clock being passed through the serializer stops
then the serializer must be placed in the reset mode
(MODE 0) and restarted before the CKSI signal will again
pass through to CKP.
If CKREF of the deserializer is running then a high speed
bit clock will be passed across the flip instead of STROBE.
This bit clock will be used as the clock source by the serial-
izer provided that no CKREF signal exists on the serializer.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FIN24ALow Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
74LVT32244Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH16835Low Voltage 18-Bit Universal Bus Driver with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
2SB717LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair with 2SB757 and 2SB758 1 Hitachi Semiconductor
74LVT32373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH322374Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH32952Low Voltage 32-Bit Registered Transceiver with 3-STATE Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74VCX32245Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
NCP1575Low Voltage Synchronous Buck Controller with Adjustable Switching Frequency 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl