Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3V340RGYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS3V340RGYR
Descripción Electrónicos  QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3V340RGYR Datasheet(HTML) 1 Page - Texas Instruments

  TS3V340RGYR Datasheet HTML 1Page - Texas Instruments TS3V340RGYR Datasheet HTML 2Page - Texas Instruments TS3V340RGYR Datasheet HTML 3Page - Texas Instruments TS3V340RGYR Datasheet HTML 4Page - Texas Instruments TS3V340RGYR Datasheet HTML 5Page - Texas Instruments TS3V340RGYR Datasheet HTML 6Page - Texas Instruments TS3V340RGYR Datasheet HTML 7Page - Texas Instruments TS3V340RGYR Datasheet HTML 8Page - Texas Instruments TS3V340RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TS3V340
QUAD SPDT HIGHBANDWIDTH VIDEO SWITCH
WITH LOW AND FLAT ONSTATE RESISTANCE
SCDS172A - JULY 2004 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Differential Gain and Phase
(DG = 0.2%, DP = 0.1° Typ)
D Wide Bandwidth (BW = 500 MHz Typ)
D Low Crosstalk (XTALK = −80 dB Typ)
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low and Flat ON-State Resistance
(ron = 3 Ω Typ, ron(flat) = 1 Ω Typ)
D VCC Operating Range From 3 V to 3.6 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Data and Control Inputs Provide
Undershoot Clamp Diode
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for Both RGB and Composite
Video Switching
description/ordering information
The TI video switch TS3V340 is a 4-bit 1-of-2
multiplexer/demultiplexer
with
a
single
switch-enable (EN) input. When EN is low, the switch is enabled, and the D port is connected to the S port. When
EN is high, the switch is disabled, and the high-impedance state exists between the D and S ports. The select
(IN) input controls the data path of the multiplexer/demultiplexer.
Low differential gain and phase makes this switch ideal for composite and RGB video applications. The device
has a wide bandwidth and low crosstalk, making it suitable for high-frequency applications as well.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
TS3V340RGYR
TF340
SOIC − D
Tube
TS3V340D
TS3V340
SOIC − D
Tape and reel
TS3V340DR
TS3V340
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
TS3V340DBQR
TF340
−40 C to 85 C
TSSOP − PW
Tube
TS3V340PW
TF340
TSSOP − PW
Tape and reel
TS3V340PWR
TF340
TVSOP − DGV
Tape and reel
TS3V340DGVR
TF340
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
EN
S1D
S2D
DD
S1C
S2C
S1A
S2A
DA
S1B
S2B
DB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
S1A
S2A
DA
S1B
S2B
DB
GND
VCC
EN
S1D
S2D
DD
S1C
S2C
DC
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - TS3V340RGYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3V340RGYR TI-TS3V340RGYR Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340RGYR TI-TS3V340RGYR Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340RGYR TI-TS3V340RGYR Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340RGYRG4 TI-TS3V340RGYRG4 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340RGYRG4 TI-TS3V340RGYRG4 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
More results

Descripción similar - TS3V340RGYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3V340 TI-TS3V340_10 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340 TI-TS3V340_09 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340_101 TI-TS3V340_101 Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com