Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE310G6SPI9 Datasheet(PDF) 6 Page - Silicom Ltd.

No. de pieza PE310G6SPI9
Descripción Electrónicos  Six Port Fiber SFP 10 Gigabit Ethernet PCI Express Network Interface Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILICOM [Silicom Ltd.]
Página de inicio  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G6SPI9 Datasheet(HTML) 6 Page - Silicom Ltd.

  PE310G6SPI9 Datasheet HTML 1Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 2Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 3Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 4Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 5Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 6Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 7Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Silicom Ltd. Connectivity Solutions
Page
6
Operating Systems Support:
Operating system support:
Windows
Linux
FreeBSD
VMware
PE310G6SPi9-XR: General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 ( 8 GT/s)
Board Size:
Standard height short add-
in card: 167.64mm x 111.15mm (6.6”X 4.376”)
PCI Express Card Type:
X16 Lane
On Board Connector Voltage
+12V +/-8%
PCI Connector:
X16 Lane
Controllers:
3 X Intel 82599ES
Holder:
Metal Bracket
Weight:
270gr(9.524 oz.)
Power Consumption (SR):
25.5W, 2.12 at 12V: Typical all ports operate at 10Gb/s,
25.2W, 2.1 A at 12V: Typical No link at all ports
Power Consumption (LR):
25.8W, 2.15 at 12V: Typical all ports operate at 10Gb/s,
25.2W, 2.1 A at 12V: Typical No link at all ports
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Air Flow Requirements:
200 ft./min
Storage:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class A Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions


Número de pieza similar - PE310G6SPI9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicom Ltd.
PE310G2BPI71 SILICOM-PE310G2BPI71 Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-LR SILICOM-PE310G2BPI71-LR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-SR SILICOM-PE310G2BPI71-SR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2I50 SILICOM-PE310G2I50 Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2I50-T SILICOM-PE310G2I50-T Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
More results

Descripción similar - PE310G6SPI9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicom Ltd.
PE2G6SFPI35 SILICOM-PE2G6SFPI35 Datasheet
402Kb / 5P
   Six Port SFP Gigabit Ethernet PCI Express Server Adapter
M1E310G6I71 SILICOM-M1E310G6I71 Datasheet
445Kb / 8P
   Six Ports Fiber SFP 10 Gigabit Ethernet Express Module
PE310G2I71 SILICOM-PE310G2I71 Datasheet
497Kb / 7P
   10 Gigabit Ethernet Card Dual Port Fiber SFP Network Interface Card
PE2G4I35L SILICOM-PE2G4I35L Datasheet
570Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Network Interface Card
PE310G4I71L SILICOM-PE310G4I71L Datasheet
330Kb / 7P
   Quad Port Fiber SFP 10 Gigabit Ethernet PCI Express Server Adapter
M1E310G4SPI9 SILICOM-M1E310G4SPI9 Datasheet
413Kb / 9P
   Quad Port Fiber SFP 10 Gigabit Ethernet Express Module
logo
Level One
GNC-0100 LVL1-GNC-0100 Datasheet
367Kb / 3P
   Gigabit Fiber PCI Network Card, SFP
logo
Silicom Ltd.
FB2XGHH SILICOM-FB2XGHH Datasheet
326Kb / 3P
   Dual SFP Port 1/10 Gigabit Ethernet PCI Express FPGA Card
PE210G1SPI9A SILICOM-PE210G1SPI9A Datasheet
352Kb / 9P
   Single Port SFP 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com