Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BES0550 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

No. de pieza BES0550
Descripción Electrónicos  Inductive Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0550 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES0550 Datasheet HTML 1Page - Balluff Korea Ltd. BES0550 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES M08EH1-POC60F-S49G
Order Code: BES0550
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 253256
ETIM 6.0: EC002714
BES0550_0.35_2020-03-05
1 / 2
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Basic standard
IEC 60947-5-2
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Connection
M8x1-Male, 3-pin
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
1 µF
No-load current Io max., damped
7 mA
No-load current Io max., undamped
11 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
100.0 kOhm
Protection class
II
Rated insulation voltage Ui
250 V AC
Rated operating current Ie
200 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Ready delay tv max.
40 ms
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
10 %
Switching frequency
1200 Hz
Utilization category
DC -13
Voltage drop static max.
1.5 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 gn, 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
Protection degree
IP68
Functional safety
MTTF (40 °C)
584 a
Material
Housing material
Stainless steel
Material sensing surface
PBT


Número de pieza similar - BES0550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BES0551 BALLUFF-BES0551 Datasheet
113Kb / 2P
   Inductive Sensors
2023-06-15
BES0552 BALLUFF-BES0552 Datasheet
130Kb / 2P
   Inductive Sensors
BES0558 BALLUFF-BES0558 Datasheet
107Kb / 2P
   Inductive Sensors
BES055A BALLUFF-BES055A Datasheet
117Kb / 2P
   Inductive Sensors
2023-06-27
BES055Y BALLUFF-BES055Y Datasheet
102Kb / 2P
   Inductive Sensors
2023-09-29
More results

Descripción similar - BES0550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BES0186 BALLUFF-BES0186 Datasheet
102Kb / 2P
   Inductive Sensors
BES05UA BALLUFF-BES05UA Datasheet
110Kb / 2P
   Inductive Sensors
BES027U BALLUFF-BES027U Datasheet
111Kb / 2P
   Inductive Sensors
BES0170 BALLUFF-BES0170 Datasheet
101Kb / 2P
   Inductive Sensors
BES0179 BALLUFF-BES0179 Datasheet
101Kb / 2P
   Inductive Sensors
BES02J1 BALLUFF-BES02J1 Datasheet
100Kb / 2P
   Inductive Sensors
BES023P BALLUFF-BES023P Datasheet
117Kb / 2P
   Inductive Sensors
BES013C BALLUFF-BES013C Datasheet
116Kb / 2P
   Inductive Sensors
BES040A BALLUFF-BES040A Datasheet
108Kb / 2P
   Inductive Sensors
BES058C BALLUFF-BES058C Datasheet
131Kb / 2P
   Inductive Sensors
BES0257 BALLUFF-BES0257 Datasheet
108Kb / 2P
   Inductive Sensors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com