Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PK632BA Datasheet(PDF) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

No. de pieza PK632BA
Descripción Electrónicos  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Página de inicio  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PK632BA Datasheet(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PK632BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PK632BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PK632BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PK632BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PK632BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PK632BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PK632BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PK632BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PK632BA
N-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
PDFN 5X6P
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
THERMAL RESISTANCE RATINGS
UNITS
1Pulse width limited by maximum junction temperature.
2The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
3Package limitation current is 40A.
4The Power dissipation is based on Rq
JA t ≦10s value.
Junction-to-Ambient
2
Steady-State
RqJA
48
Junction-to-Case
Steady-State
27
TA= 70 °C
22
Power Dissipation
4
TA = 25 °C
4.6
Continuous Drain Current
TA = 25 °C
ID
W
mJ
29
RqJA
PD
W
2.9
Power Dissipation
TJ, Tstg
PD
t ≦10s
Junction-to-Ambient
2
Pulsed Drain Current
1
80
TA = 70 °C
TC = 100 °C
ID
TC = 25 °C
30V
Continuous Drain Current
3
TC = 100 °C
PARAMETERS/TEST CONDITIONS
RDS(ON)
Drain-Source Voltage
3.3mΩ @V
GS = 10V
88A
THERMAL RESISTANCE
Avalanche Energy
L =0.1mH
RqJC
LIMITS
TC = 25 °C
EAS
MAXIMUM
Avalanche Current
IAS
40
UNITS
150
70
TYPICAL
VDS
30
V
ID
IDM
SYMBOL
Operating Junction & Storage Temperature Range
SYMBOL
°C
-55 to 150
27
VGS
Gate-Source Voltage
A
V
2.7
°C / W
46
88
±20
REV 1.2
1
2016/6/23


Número de pieza similar - PK632BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIKO SEMICONDUCTOR CO.,...
PK632BA NIKOSEM-PK632BA Datasheet
256Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Descripción similar - PK632BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com