Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RJF36080CU64AE1 Datasheet(PDF) 2 Page - Schneider Electric

No. de pieza RJF36080CU64AE1
Descripción Electrónicos  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36080CU64AE1 Datasheet(HTML) 2 Page - Schneider Electric

  RJF36080CU64AE1 Datasheet HTML 1Page - Schneider Electric RJF36080CU64AE1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UL Listed
Ordering and shipping details
Category
01245-RG,H,J,K,L,N UNIT MT BREAKERS
Discount Schedule
DE2
Package weight(Lbs)
52.00 lb(US) (23.587 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: DINP, which is known to the State
of California to cause cancer, and DIDP, which is known to the State of California to cause birth
defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
Contractual warranty
Warranty
18 months
2


Número de pieza similar - RJF36080CU64AE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
RJF36080CU63AE1 SCHNEIDER-RJF36080CU63AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
More results

Descripción similar - RJF36080CU64AE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
RJF36080CU43A SCHNEIDER-RJF36080CU43A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U44A SCHNEIDER-RJF36080U44A Datasheet
111Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U33A SCHNEIDER-RJF36080U33A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U63AE1 SCHNEIDER-RJF36080U63AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U31A SCHNEIDER-RJF36080U31A Datasheet
147Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U43A SCHNEIDER-RJF36080U43A Datasheet
165Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U73AE1 SCHNEIDER-RJF36080U73AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U74AE1 SCHNEIDER-RJF36080U74AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080CU44A SCHNEIDER-RJF36080CU44A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080CU33A SCHNEIDER-RJF36080CU33A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com