Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN24C Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FIN24C
Descripción Electrónicos  uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN24C Datasheet HTML 1Page - Fairchild Semiconductor FIN24C Datasheet HTML 2Page - Fairchild Semiconductor FIN24C Datasheet HTML 3Page - Fairchild Semiconductor FIN24C Datasheet HTML 4Page - Fairchild Semiconductor FIN24C Datasheet HTML 5Page - Fairchild Semiconductor FIN24C Datasheet HTML 6Page - Fairchild Semiconductor FIN24C Datasheet HTML 7Page - Fairchild Semiconductor FIN24C Datasheet HTML 8Page - Fairchild Semiconductor FIN24C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500909
www.fairchildsemi.com
April 2005
Revised September 2005
FIN24C
PSerDes¥
Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
General Description
The FIN24C
PSerDes¥ is a low power Serializer/Deserializer
(SerDes) that can help minimize the cost and power of transfer-
ring wide signal paths. Through the use of serialization, the
number of signals transferred from one point to another can be
significantly reduced. Typical reduction is 4:1 to 6:1 for unidirec-
tional paths. For bi-directional operation, using half duplex for
multiple sources, it is possible to increase the signal reduction
to close to 10:1. Through the use of differential signaling, shield-
ing and EMI filters can also be minimized, further reducing the
cost of serialization. The differential signaling is also important
for providing a noise-insensitive signal that can withstand radio
and electrical noise sources. Major reduction in power con-
sumption allows minimal impact on battery life in ultra-portable
applications. A unique word boundary technique assures that
the actual word boundary is identified when the data is deserial-
ized. This guarantees that each word is correctly aligned at the
deserializer on a word by word basis through a unique
sequence of clock and data that is not repeated except at the
word boundary. It is possible to use a single PLL for most appli-
cations including bi-directional operation.
Features
O Low power for minimum impact on battery life
• Multiple power-down modes
• AC coupling with DC balance
O 100nA in standby mode
5mA typical operating conditions
O Cable reduction: 25:4 or greater
O Bi-directional operation 50:7 reduction or greater
O Up to 24 bits in either direction
O Up to 20MHz parallel interface operation
O Voltage translation from 1.8V to 3.3V
O Ultra-small and cost-effective packaging
O High ESD protection: !8kV HBM
Applications
O Micro-controller or Pixel interfaces
O Image sensors
O Small displays
LCD, cell phone, digital camera, portable gaming, printer,
PDA, video camera, automotive
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
BGA and MLP packages available in Tape and Reel only.
PSerDes¥ is a trademark of Fairchild Semiconductor Corporation.
Order
Number
Package
Number
Package Description
FIN24CGFX
(Preliminary)
BGA042A
Pb-Free 42-Ball Ultra Small Scale Ball Grid Array (USS-BGA), JEDEC MO-195, 3.5mm Wide
FIN24CMLX
MLP040A
Pb-Free 40-Terminal Molded Leadless Package (MLP), Quad, JEDEC MO-220, 6mm Square


Número de pieza similar - FIN24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CGFX FAIRCHILD-FIN24CGFX Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

Descripción similar - FIN24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com