Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6100200 Datasheet(PDF) 8 Page - Semikron International

No. de pieza L6100200
Descripción Electrónicos  SKYPER 32PRO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIKRON [Semikron International]
Página de inicio  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100200 Datasheet(HTML) 8 Page - Semikron International

Back Button L6100200 Datasheet HTML 4Page - Semikron International L6100200 Datasheet HTML 5Page - Semikron International L6100200 Datasheet HTML 6Page - Semikron International L6100200 Datasheet HTML 7Page - Semikron International L6100200 Datasheet HTML 8Page - Semikron International L6100200 Datasheet HTML 9Page - Semikron International L6100200 Datasheet HTML 10Page - Semikron International L6100200 Datasheet HTML 11Page - Semikron International L6100200 Datasheet HTML 12Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SKYPER™ 32PRO - Technical Explanations
8 / 16
2005-06-03 – Rev02
© by SEMIKRON
Under Voltage Protection (UVP) primary
The internally detected supply voltage of the driver has an under voltage protection. The table below gives an
overview of the trip level.
Supply voltage
UVP level
Regulated +15V ±4%
13,5V
If the internally detected supply voltage of the driver falls below this level, the IGBTs will be switched off (IGBT
driving signals set to LOW). The input side switching signals of the driver will be ignored. The error memory will
be set, and the output PRIM_HOLD_OUT changes to the HIGH state.
Under Voltage Protection secondary
This function monitors the rectified voltage on the secondary side. If the voltage drops, the IGBTs will be switched
off (IGBT driving signal set to LOW). The input side switching signals of the driver will be ignored. No failure
message will be generated.
Output voltage
UVP level
Regulated +15V
12V
Input Signals
The signal transfer to each IGBT is made with pulse transformers, used for switching on and switching off of the
IGBT. The inputs have a Schmitt Trigger characteristic and a positive / active high logic (input HIGH = IGBT on;
input LOW = IGBT off).
It is mandatory to use circuits which switch active to +15V and 0V. Pull up and open collector output stages must
not be used for TOP / BOT control signals. It is recommended choosing the line drivers according to the
demanded length of the signal wires.
TOP / BOT Input
A capacitor is connected to the input to obtain high noise
immunity. This capacitor can cause for current limited line
drivers a little delay of few ns, which can be neglected. The
capacitors have to be placed as close as possible to the
driver interface.
Please note:
It is not permitted to apply switching pulses shorter than 1µs.


Número de pieza similar - L6100200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
L6100230 SEMIKRON-L6100230 Datasheet
1Mb / 13P
   EVALUATION BOARD 1 SKYPER 32PRO
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100240 SEMIKRON-L6100240 Datasheet
482Kb / 11P
   EVALUATION BOARD 2S SKYPER 32PRO
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
L6100250 SEMIKRON-L6100250 Datasheet
490Kb / 12P
   EVALUATION BOARD 3S SKYPER 32PRO
More results

Descripción similar - L6100200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
L6100230 SEMIKRON-L6100230 Datasheet
1Mb / 13P
   EVALUATION BOARD 1 SKYPER 32PRO
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100260 SEMIKRON-L6100260 Datasheet
500Kb / 12P
   EVALUATION BOARD 4S SKYPER 32PRO
L6100240 SEMIKRON-L6100240 Datasheet
482Kb / 11P
   EVALUATION BOARD 2S SKYPER 32PRO
L6100250 SEMIKRON-L6100250 Datasheet
490Kb / 12P
   EVALUATION BOARD 3S SKYPER 32PRO
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
   EVALUATION BOARD 4S SKYPER 32
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com