Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EN29LV160J Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

No. de pieza EN29LV160J
Descripción Electrónicos  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

EN29LV160J Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button EN29LV160J Datasheet HTML 27Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 28Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 29Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 30Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 31Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 32Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 33Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 34Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
31
EN29LV160J
Rev 0.3 Release Date: 2002/01/30
Table 9. AC CHARACTERISTICS
Write (Erase/Program) Operations
Parameter
Symbols
Speed Options
JEDEC
Standard
Description
-70
-90
Unit
tAVAV
tWC
Write Cycle Time
Min
70
90
ns
tAVWL
tAS
Address Setup Time
Min
0
0
ns
tWLAX
tAH
Address Hold Time
Min
45
45
ns
tDVWH
tDS
Data Setup Time
Min
30
45
ns
tWHDX
tDH
Data Hold Time
Min
0
0
ns
tOES
Output Enable Setup Time
Min
0
0
ns
Read
MIn
0
0
ns
tOEH
Output Enable
Hold Time
Toggle and
DATA Polling
Min
10
10
ns
tGHWL
tGHWL
Read Recovery Time before
Write (
OE High to WE Low)
Min
0
0
ns
tELWL
tCS
CE SetupTime
Min
0
0
ns
tWHEH
tCH
CE Hold Time
Min
0
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
45
ns
tWHDL
tWPH
Write Pulse Width High
Min
20
20
ns
tWHWH1
tWHWH1
Programming Operation
(Word AND Byte Mode)
Typ
7
7
µs
Max
200
200
µs
tWHWH2
tWHWH2
Sector Erase Operation
Typ
0.3
0.3
s
Max
5
5
s
tWHWH3
tWHWH3
Chip Erase Operation
Typ
3
3
s
Max
35
35
s
tVCS
Vcc Setup Time
Min
50
50
µs
tVIDR
Rise Time to VID
Min
500
500
ns


Número de pieza similar - EN29LV160J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eon Silicon Solution In...
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
EN29LV160AB-70BC EON-EN29LV160AB-70BC Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
EN29LV160AB-70BCP EON-EN29LV160AB-70BCP Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
EN29LV160AB-70BI EON-EN29LV160AB-70BI Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
More results

Descripción similar - EN29LV160J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eon Silicon Solution In...
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com