Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


GS8161E36T-250I Datasheet(Hoja de datos) 8 Page - GSI Technology

No. de Pieza. GS8161E36T-250I
Descripción  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo 

 8 page
background image
GS8161E18(T/D)/GS816132(D)/GS816136(T/D)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.13 11/2004
8/36
© 1999, GSI Technology
GS8161
E18/32/36D 165-Bump BGA Pin Description
Symbol
Type
Description
A0, A1
I
Address field LSBs and Address Counter Preset Inputs
An
I
Address Inputs
DQA
DQB
DQC
DQD
I/O
Data Input and Output pins
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low
NC
No Connect
CK
I
Clock Input Signal; active high
BW
I
Byte Write—Writes all enabled bytes; active low
GW
I
Global Write Enable—Writes all bytes; active low
E1
I
Chip Enable; active low
E3
I
Chip Enable; active low
E2
I
Chip Enable; active high
G
I
Output Enable; active low
ADV
I
Burst address counter advance enable; active l0w
ADSC, ADSP
I
Address Strobe (Processor, Cache Controller); active low
ZZ
I
Sleep mode control; active high
FT
I
Flow Through or Pipeline mode; active low
LBO
I
Linear Burst Order mode; active low
TMS
I
Scan Test Mode Select
TDI
I
Scan Test Data In
TDO
O
Scan Test Data Out
TCK
I
Scan Test Clock
MCL
Must Connect Low
VDD
I
Core power supply
VSS
I
I/O and Core Ground
VDDQ
I
Output driver power supply




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
GS8160F18BT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160F18BT-V1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160181M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160F18T1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816018BT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160V18AT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816018BT-V1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160V18CT1M x 18 and 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816118BT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816118BT-V1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl