Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPA6021A4NE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
TPA6021A4NE4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 26 page www.ti.com 1 2 3 4 5 6 7 8 9 10 20 ROUT+ PGND 19 SE/BTL ROUT- 18 VOLUME PVDD 17 AGND RIN+ 16 BYPASS RIN- 15 FADE VDD 14 SHUTDOWN LIN- 13 NC LIN+ 12 LOUT+ PVDD 1 PGND 1 LOUT- TPA6021A4 SLOS465 – JUNE 2005 N (PDIP) PACKAGE (TOP VIEW) Terminal Functions TERMINAL I/O DESCRIPTION NAME NO. BYPASS 16 I Tap to voltage divider for internal midsupply bias generator used for analog reference Places the amplifier in fade mode if a logic low is placed on this terminal; normal operation if a logic high is FADE 15 I placed on this terminal. AGND 17 - Analog power supply ground LIN- 7 I Left channel negative input for fully differential input. LIN+ 8 I Left channel positive input for fully differential input. LOUT– 10 O Left channel negative audio output LOUT+ 12 O Left channel positive audio output. NC 13 - No connection PGND 1, 11 - Power ground PVDD 3, 9 - Supply voltage terminal for power stage RIN- 5 I Right channel negative input for fully differential input. RIN+ 4 I Right channel positive input for fully differential input. ROUT– 2 O Right channel negative audio output ROUT+ 20 O Right channel positive audio output Output control. When this terminal is high, SE outputs are selected. When this terminal is low, BTL outputs SE/BTL 19 I are selected. SHUTDOWN 14 I Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal VDD 6 - Supply voltage terminal VOLUME 18 I Terminal for dc volume control. DC voltage range is 0 to VDD. 4 |
Número de pieza similar - TPA6021A4NE4 |
|
Descripción similar - TPA6021A4NE4 |