Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IN74LV74 Datasheet(PDF) 5 Page - Integral Corp.

No. de pieza IN74LV74
Descripción Electrónicos  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV74 Datasheet(HTML) 5 Page - Integral Corp.

  IN74LV74 Datasheet HTML 1Page - Integral Corp. IN74LV74 Datasheet HTML 2Page - Integral Corp. IN74LV74 Datasheet HTML 3Page - Integral Corp. IN74LV74 Datasheet HTML 4Page - Integral Corp. IN74LV74 Datasheet HTML 5Page - Integral Corp. IN74LV74 Datasheet HTML 6Page - Integral Corp. IN74LV74 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IN74LV74
5
INTEGRAL
TIMING REQUIREMENTS(C
L=50 pF, t r=tf=6.0 ns )
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
25
°C
-40
°C to 85°C
125
°C
Unit
min
max
min
max
min
max
tw
Puls e Width, Clock, Set or
Reset
VI = 0 V or VCC
Figures 1,2,3
1.2
2.0
*
75
25
16
-
-
-
96
32
20
-
-
-
114
38
24
-
-
-
ns
tsu
Setup Time, Data to Clock
VI = 0 V or VCC
Figures 1,3
1.2
2.0
*
25
16
10
-
-
-
32
20
13
-
-
-
40
24
15
-
-
-
ns
trem
Removal Time, Set or
Reset to Clock
VI = 0 V or VCC
Figures 2,3
1.2
2.0
*
18
9
6
-
-
-
24
12
8
-
-
-
30
15
9
-
-
-
ns
th
Hold Time, Clock to Data
VI = 0 V or VCC
Figures 1,3
1.2
2.0
*
3
3
3
-
-
-
5
3
3
-
-
-
5
3
3
-
-
-
ns
fc
Clock Frequency
VI = 0 V or VCC
Figures 1,3
1.2
2.0
3.0
8
18
30
-
-
-
6
15
24
-
-
-
4
12
20
-
-
-
MHz
* VCC = 3.3
± 0.3 V
V M = 0.5
∗ V
CC
VOL and VOH are the typical output voltage drop that occur with the output load.
Figure 1. Switching Waveforms


Número de pieza similar - IN74LV74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IN74LV00 INTEGRAL-IN74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00D INTEGRAL-IN74LV00D Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00N INTEGRAL-IN74LV00N Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV02 INTEGRAL-IN74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02D INTEGRAL-IN74LV02D Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
More results

Descripción similar - IN74LV74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com