Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3842AD Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza UC3842AD
Descripción Electrónicos  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842AD Datasheet(HTML) 8 Page - ON Semiconductor

Back Button UC3842AD Datasheet HTML 4Page - ON Semiconductor UC3842AD Datasheet HTML 5Page - ON Semiconductor UC3842AD Datasheet HTML 6Page - ON Semiconductor UC3842AD Datasheet HTML 7Page - ON Semiconductor UC3842AD Datasheet HTML 8Page - ON Semiconductor UC3842AD Datasheet HTML 9Page - ON Semiconductor UC3842AD Datasheet HTML 10Page - ON Semiconductor UC3842AD Datasheet HTML 11Page - ON Semiconductor UC3842AD Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
UC3842A, 43A UC2842A, 43A
8
MOTOROLA ANALOG IC DEVICE DATA
OPERATING DESCRIPTION
The UC3842A, UC3843A series are high performance,
fixed frequency, current mode controllers. They are
specifically designed for Off–Line and dc–to–dc converter
applications offering the designer a cost effective solution
with minimal external components. A representative block
diagram is shown in Figure 17.
Oscillator
The oscillator frequency is programmed by the values
selected for the timing components RT and CT. Capacitor CT
is charged from the 5.0 V reference through resistor RT to
approximately 2.8 V and discharged to 1.2 V by an internal
current sink. During the discharge of CT, the oscillator
generates and internal blanking pulse that holds the center
input of the NOR gate high. This causes the Output to be in
a low state, thus producing a controlled amount of output
deadtime. Figure 1 shows RT versus Oscillator Frequency
and Figure 2, Output Deadtime versus Frequency, both for
given values of CT. Note that many values of RT and CT will
give the same oscillator frequency but only one combination
will yield a specific output deadtime at a given frequency. The
oscillator thresholds are temperature compensated, and the
discharge current is trimmed and guaranteed to within
± 10%
at TJ = 25°C. These internal circuit refinements minimize
variations of oscillator frequency and maximum output duty
cycle. The results are shown in Figures 3 and 4.
In many noise sensitive applications it may be desirable to
frequency–lock the converter to an external system clock.
This can be accomplished by applying a clock signal to the
circuit shown in Figure 20. For reliable locking, the
free–running oscillator frequency should be set about 10%
less than the clock frequency. A method for multi unit
synchronization is shown in Figure 21. By tailoring the clock
waveform, accurate Output duty cycle clamping can be
achieved.
Error Amplifier
A fully compensated Error Amplifier with access to the
inverting input and output is provided. It features a typical dc
voltage gain of 90 dB, and a unity gain bandwidth of 1.0 MHz
with 57 degrees of phase margin (Figure 7). The noninverting
input is internally biased at 2.5 V and is not pinned out. The
converter output voltage is typically divided down and
monitored by the inverting input. The maximum input bias
current is –2.0
µA which can cause an output voltage error
that is equal to the product of the input bias current and the
equivalent input divider source resistance.
The Error Amp Output (Pin 1) is provide for external loop
compensation (Figure 30). The output voltage is offset by two
diode drops (
≈ 1.4 V) and divided by three before it connects
to the inverting input of the Current Sense Comparator. This
guarantees that no drive pulses appear at the Output (Pin 6)
when Pin 1 is at its lowest state (VOL). This occurs when the
power supply is operating and the load is removed, or at the
beginning of a soft–start interval (Figures 23, 24). The Error
Amp minimum feedback resistance is limited by the
amplifier’s source current (0.5 mA) and the required output
voltage (VOH) to reach the comparator’s 1.0 V clamp level:
Rf(min) ≈
3.0 (1.0 V) + 1.4 V
0.5 mA
= 8800
Current Sense Comparator and PWM Latch
The UC3842A, UC3843A operate as a current mode
controller, whereby output switch conduction is initiated by
the oscillator and terminated when the peak inductor current
reaches the threshold level established by the Error Amplifier
Output/Compensation (Pin1). Thus the error signal controls
the peak inductor current on a cycle–by–cycle basis. The
current Sense Comparator PWM Latch configuration used
ensures that only a single pulse appears at the Output during
any given oscillator cycle. The inductor current is converted
to a voltage by inserting the ground referenced sense resistor
RS in series with the source of output switch Q1. This voltage
is monitored by the Current Sense Input (Pin 3) and
compared a level derived from the Error Amp Output. The
peak inductor current under normal operating conditions is
controlled by the voltage at pin 1 where:
Ipk =
V(Pin 1) – 1.4 V
3 RS
Abnormal operating conditions occur when the power
supply output is overloaded or if output voltage sensing is
lost. Under these conditions, the Current Sense Comparator
threshold will be internally clamped to 1.0 V. Therefore the
maximum peak switch current is:
Ipk(max) =
1.0 V
RS
When designing a high power switching regulator it
becomes desirable to reduce the internal clamp voltage in
order to keep the power dissipation of RS to a reasonable
level. A simple method to adjust this voltage is shown in
Figure 22. The two external diodes are used to compensate
the internal diodes yielding a constant clamp voltage over
temperature. Erratic operation due to noise pickup can result
if there is an excessive reduction of the Ipk(max) clamp
voltage.
A narrow spike on the leading edge of the current
waveform can usually be observed and may cause the power
supply to exhibit an instability when the output is lightly
loaded. This spike is due to the power transformer
interwinding capacitance and output rectifier recovery time.
The addition of an RC filter on the Current Sense Input with a
time constant that approximates the spike duration will
usually eliminate the instability; refer to Figure 26.


Número de pieza similar - UC3842AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3842AD MOTOROLA-UC3842AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3842AD TI-UC3842AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3842AD FAIRCHILD-UC3842AD Datasheet
42Kb / 8P
   SMPS Controller
logo
Microsemi Corporation
UC3842AD MICROSEMI-UC3842AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3842AD ONSEMI-UC3842AD Datasheet
359Kb / 18P
   High Performance Current Mode Controllers
November, 2005 ??Rev. 8
More results

Descripción similar - UC3842AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com