Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-K101-NK0B1 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-K101-NK0B1 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 7 page Agilent T-13/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps Data Sheet HLMP-D101/D105, HLMP-K101/K105 Description These solid state LED lamps utilize newly developed double heterojunction (DH) AlGaAs/GaAs material technology. This LED material has outstanding light output efficiency over a wide range Features • Exceptional brightness • Wide viewing angle • Outstanding material efficiency • Low forward voltage • CMOS/MOS compatible • TTL compatible • Deep red color Applications • Bright ambient lighting conditions • Moving message panels • Portable equipment • General use of drive currents. The color is deep red at the dominant wavelength of 637 nanometres. These lamps may be DC or pulse driven to achieve desired light output. Package Dimensions AB C 1.14 (0.045) 0.51 (0.020) 3.43 (0.135) 2.92 (0.115) 24.1 (0.95) MIN. 4.70 (0.185) 4.19 (0.165) 3.17 (0.125) 2.67 (0.105) 2.79 (0.110) 2.29 (0.090) 1.52 (0.060) 1.02 (0.040) 6.35 (0.250) 5.58 (0.220) 0.55 (0.022) 0.40 (0.016) CATHODE ∅ 0.65 (0.026) MAX. SQ. TYP. SHOULDER CATHODE |
Número de pieza similar - HLMP-K101-NK0B1 |
|
Descripción similar - HLMP-K101-NK0B1 |