Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2843B Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza UC2843B
Descripción Electrónicos  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2843B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button UC2843B Datasheet HTML 7Page - ON Semiconductor UC2843B Datasheet HTML 8Page - ON Semiconductor UC2843B Datasheet HTML 9Page - ON Semiconductor UC2843B Datasheet HTML 10Page - ON Semiconductor UC2843B Datasheet HTML 11Page - ON Semiconductor UC2843B Datasheet HTML 12Page - ON Semiconductor UC2843B Datasheet HTML 13Page - ON Semiconductor UC2843B Datasheet HTML 14Page - ON Semiconductor UC2843B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
UC3842B, UC3843B, UC2842B, UC2843B, NCV3843BV
http://onsemi.com
11
Figure 20. Continuous Current Waveforms
2(3)
EA
Bias
+
Osc
R
R
R
2R
5(9)
1(1)
4(7)
8(14)
RT
CT
Vref
0.01
The diode clamp is required if the Sync amplitude is large enough to cause the bottom
side of CT to go more than 300 mV below ground.
External
Sync
Input
47
+
R
R
R
2R
Bias
Osc
EA
5(9)
1(1)
2(3)
4(7)
8(14)
To Additional
UCX84XBs
R
S
Q
8
4
6
5
2
1
C
3
7
RA
RB
5.0k
5.0k
5.0k
MC1455
f +
1.44
(RA ) 2RB)C
D(max) +
RB
RA ) 2RB
+
-
5.0V Ref
+
-
S
R
Q
Bias
+
Osc
R
R
R
2R
EA
1.0V
5(9)
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
1(1)
2(3)
4(7)
8(14)
R1
VClamp
R2
7(12)
Comp/Latch
1.0 mA
Ipk(max) [
VClamp
RS
Where: 0 ≤ VClamp ≤ 1.0 V
VClamp
1.67
R2
R1
) 1
+ 0.33x10-3
R1R2
R1 ) R2
Control Voltage
Inductor
Current
Oscillator Period
Control Voltage
Inductor
Current
Oscillator Period
(A)
(B)
m1
m2
t0
t1
t2
t3
m3
m2
t4
t5
t6
∆I
m1
∆I
Dl ) Dl m2
m1
Dl ) Dl m2
m1
m2
m1
Figure 21. External Clock Synchronization
Figure 22. External Duty Cycle Clamp and
Multi–Unit Synchronization
Figure 23. Adjustable Reduction of Clamp Level


Número de pieza similar - UC2843B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
logo
Unisonic Technologies
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Descripción similar - UC2843B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com