Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM8300 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM8300
Descripción Electrónicos  Four Wire Resistive Touchscreen Controller with Brownout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8300 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM8300 Datasheet HTML 6Page - National Semiconductor (TI) LM8300 Datasheet HTML 7Page - National Semiconductor (TI) LM8300 Datasheet HTML 8Page - National Semiconductor (TI) LM8300 Datasheet HTML 9Page - National Semiconductor (TI) LM8300 Datasheet HTML 10Page - National Semiconductor (TI) LM8300 Datasheet HTML 11Page - National Semiconductor (TI) LM8300 Datasheet HTML 12Page - National Semiconductor (TI) LM8300 Datasheet HTML 13Page - National Semiconductor (TI) LM8300 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
9.0 Functional Description (Continued)
PC
Command
PC
Byte
1
PC
Byte 2
TSC
Byte 1
TSC
Byte 2
Read stored
calibration
points
$B4
$CA
Section
9.3.3
Advanced
Command
Bytes
Descriptions
Set focus
value (# of
pixels on
touch panel)
$B8
$0-$3F
$CA
$00-$3F
Set#of
samples per
coordinate (1,
2, 4, 8, 16,
32)
$BA
$01, $02,
$04, $08,
$10, $20
$CA
$01, $02,
$04, $08,
$10, $20
Set
communication
mode
(stream,
touchdown,
liftoff)
$BB
$01, $02,
$04
$CA
$01, $02,
$04
Set max delta
(# of pixels
from
predicted
coordinate)
$BC
$00-$3F
$CA
$00-$3F
Set calibration
points
$BD
Section
9.3.3
Advanced
Command
Bytes
Descriptions
$CA
Section
9.3.3
Advanced
Command
Bytes
Descriptions
Set minimum
pressure
$BE
$00-$7F
$CA
$00-$7F
Toggle
disable/enable
external filter
path
$A0
$CA
$00, $01
Toggle
disable/enable
self
power-down
$A2
$CA
$00, $01
Toggle
disable/enable
echo mode
$A3
$CA
$00, $01
Toggle
disable/enable
pressure
measurements
$A4
$CA
$00, $01
PC
Command
PC
Byte
1
PC
Byte 2
TSC
Byte 1
TSC
Byte 2
Toggle
disable/enable
calibration
coordinate
check
$A5
$CA
$00, $01
Wakeup
$A7
Shutdown
$A8
$CA
Soft reset
$AF
$CA
$CB, $CC
TSC Replies
Timeout
$CF
Re-send
$CE
Self test failed
$CC
Self test ok
$CB
Acknowledge
$CA
Calibration
coordinates
ok
$C4
Error / buffer
overrun
$C8
Software
version
$C7
$0-$7F
Data transmit
$80/$90 Payload (3/4
bytes)
9.3.3 Advanced Command Bytes Descriptions
Unless otherwise mentioned, all values are in hex.
$B0: Read clock-speed
Reply Byte #1: $CA (Acknowledge)
Byte #2: Clock readout (0 = 3.3MHz, 1 = 10MHz)
CLK_SEL pin tells the firmware which oscillator speed is
used. If the CLK_SEL input pin is floating or pulled high a
10.0MHz oscillator must be connected. If the pin is pulled
low a 3.3MHz oscillator must be connected. This command
enables the driver software to determine which oscillator
speed is used with the touch screen controller, as this deter-
mines the maximum coordinate pair per second data rates.
Note: This is available in the LM8500 only.
$B1: Read parameters
Reply Byte #1: $CA (Acknowledge)
Reply Byte #2: First byte in software version number,
year 20 (00-99)
Reply Byte #3: Communication mode (1 = stream, 2 =
touchdown, 4 = liftoff)
Byte #4: Wakeup on touch (0 = disabled, 1 = enabled)
Reply Byte #5: Number of samples (1,2, 4, 8, 16 or
32)
Byte #6: Clock readout (0 = 3.3MHz, 1 = 10MHz)
Byte #7: Second byte in software version number,
month (1-12)
Byte #8: Third byte in software version number, day
(1-31)
Byte #9: Focus value (0-63)
Byte #10: Max delta (0-63)
www.national.com
10


Número de pieza similar - LM8300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
[Old version datasheet]   LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
LM8300IMT9B/NOPB TI1-LM8300IMT9B/NOPB Datasheet
440Kb / 26P
[Old version datasheet]   LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
More results

Descripción similar - LM8300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
[Old version datasheet]   LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
   S-Touch®enhanced 4-wire resistive touchscreen controller with PWM
February 2011
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
   Resistive touchscreen
logo
Semtech Corporation
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com