Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-ED57-KL400 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-ED57-KL400 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 6 page SunPower Series HLMP-EL55 HLMP-EH55 HLMP-EG55 T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps Technical Data Features • Well Defined and Smooth Spatial Radiation Patterns • Wide Viewing Angle • Tinted Diffused Lamp • High Luminous Output • Colors: 590/592 nm Amber 615/617 nm Reddish-Orange 626/630 nm Red • High Operating Temperature: T JLED = +130°C • Superior Resistance to Moisture Benefits • Viewing Angles Match Traffic Management Sign Requirements • Colors Meet Automotive Specifications • Superior Performance in Outdoor Environments • Suitable for Autoinsertion onto PC Boards Applications • Traffic Management: Variable Message Signs Traffic Management Signs • Commercial Indoor/Outdoor Advertising: Signs Marquees Passenger Information • Automotive: Exterior and Interior Lights Description These Precision Optical Perform- ance AlInGaP LEDs provide superior light output for excellent readability in sunlight and are extremely reliable. AlInGaP LED technology provides extremely stable light output over long periods of time. Precision Optical Performance lamps utilize the aluminum indium gallium phosphide (AlInGaP) technology. These LED lamps are tinted, diffused, T-13/4 packages incorporating second generation optics producing well defined radiation patterns at specific viewing cone angles. There are two families of amber, red, and red-orange lamps; AlInGaP and the higher performance AlInGaP II. The high maximum LED junction temperature limit of +130 ° C enables high temperature operation in bright sunlight conditions. These lamps are available in two package options to give the designer flexibility with device mounting. HLMP-EL57 HLMP-EH57 HLMP-EG57 |
Número de pieza similar - HLMP-ED57-KL400 |
|
Descripción similar - HLMP-ED57-KL400 |