Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CD74ACT14 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. CD74ACT14
Descripción  HEX SCHMITT-TRIGGER INVERTER
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

CD74ACT14 Datasheet(HTML) 1 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CD74ACT14
HEX SCHMITT TRIGGER INVERTER
SCHS319A − NOVEMBER 2002 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Greater Noise Immunity Than Standard
Inverters
D Operates With Much Slower Than Standard
Input Rise and Fall Slew Rates
D ±24-mA Output Drive Current
− Fanout to 15 F Devices
D SCR Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The CD74ACT14 contains six independent inverters. This device performs the Boolean function Y = A.
Each circuit functions as an independent inverter, but because of the Schmitt action, the inverters have different
input threshold levels for positive-going (VT+) and negative-going (VT−) signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − E
Tube
CD74ACT14E
CD74ACT14E
−55
°C to 125°C
SOIC − M
Tube
CD74ACT14M
ACT14M
−55 C to 125 C
SOIC − M
Tape and reel
CD74ACT14M96
ACT14M
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram, each inverter (positive logic)
Y
A
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
E OR M PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
IN74ACT14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 Integral Corp.
SL74LS14Hex Schmitt-Trigger Inverter 1 2 3 4 System Logic Semiconductor
SN74AUC14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
SN74AHC14Q-Q1HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
IN74HCT14AHEX SCHMITT-TRIGGER INVERTER 1 2 3 4 Integral Corp.
MC74HCT14AHex Schmitt-Trigger Inverter with LSTTL Compatible Inputs 1 2 3 4 5 MoreON Semiconductor
SL74LV14Hex Schmitt-Trigger Inverter 1 2 3 4 5 MoreSystem Logic Semiconductor
IN74HC14AHex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.
CD74AC14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn