Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4410N Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

No. de pieza AM4410N
Descripción Electrónicos  N-Channel MOSFET uses advanced trench technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4410N Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4410N Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4410N Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4410N Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4410N Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
1
Description:
This N-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=30V,ID=10A,RDS(ON)<13mΩ@VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current – Continuous (TC=25℃ )
10
A
Drain Current – Continuous (TC=100℃ )
6
IDM
Drain Current – Pulsed
50
PD
Power Dissipation (TC=25℃ )
2.5
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJA
Thermal Resistance,Junction to Ambient
2
50
Package Marking and Ordering Information:
Part NO.
Marking
Package
SC012NG
S12N03
SOP-8
G
D
D
D
D
S1
S
S
AM 4410N


Número de pieza similar - AM4410N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM4410N ANALOGPOWER-AM4410N Datasheet
209Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4410N-T1-PF VBSEMI-AM4410N-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
AM4410NCE-T1-PF VBSEMI-AM4410NCE-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Descripción similar - AM4410N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN DOINGTER SEMIC...
DC006NG DOINGTER-DC006NG Datasheet
827Kb / 4P
   N-Channel MOSFET uses advanced trench technology
DC022NG DOINGTER-DC022NG Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
FH070NR DOINGTER-FH070NR Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJP07N65 DOINGTER-CJP07N65 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
CEP93A3 DOINGTER-CEP93A3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJPF12N65 DOINGTER-CJPF12N65 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJU50N06 DOINGTER-CJU50N06 Datasheet
1,014Kb / 4P
   N-Channel MOSFET uses advanced trench technology
APM2055NU DOINGTER-APM2055NU Datasheet
965Kb / 5P
   N-Channel MOSFET uses advanced trench technology
APM4030BNU DOINGTER-APM4030BNU Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
DKI06261 DOINGTER-DKI06261 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
STP454 DOINGTER-STP454 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com