Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XZCP1440L2 Datasheet(PDF) 2 Page - Schneider Electric

No. de pieza XZCP1440L2
Descripción Electrónicos  pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCP1440L2 Datasheet(HTML) 2 Page - Schneider Electric

  XZCP1440L2 Datasheet HTML 1Page - Schneider Electric XZCP1440L2 Datasheet HTML 2Page - Schneider Electric XZCP1440L2 Datasheet HTML 3Page - Schneider Electric XZCP1440L2 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months


Número de pieza similar - XZCP1440L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
XZCP1440L10 SCHNEIDER-XZCP1440L10 Datasheet
91Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 10m
XZCP1440L5 SCHNEIDER-XZCP1440L5 Datasheet
93Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 5m
More results

Descripción similar - XZCP1440L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
XZCP1340L2 SCHNEIDER-XZCP1340L2 Datasheet
95Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
XZCP2540L2 SCHNEIDER-XZCP2540L2 Datasheet
95Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
XZCP1264L2 SCHNEIDER-XZCP1264L2 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
XZCP12V12L2 SCHNEIDER-XZCP12V12L2 Datasheet
77Kb / 2P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
XZCP1241L2 SCHNEIDER-XZCP1241L2 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PUR 2m
XZCP0666L2 SCHNEIDER-XZCP0666L2 Datasheet
88Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 3 pins - cable PUR 2m
XZCP0866L2 SCHNEIDER-XZCP0866L2 Datasheet
94Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 3 pins - cable PUR 2m
XZCP0766L2 SCHNEIDER-XZCP0766L2 Datasheet
97Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 3 pins - cable PUR 2m
XZCPB1241L2 SCHNEIDER-XZCPB1241L2 Datasheet
92Kb / 4P
   pre-wired connectors XZ -elbowed female - M12-4 pins - shielded cable PUR 2m
XZCPV1340L2 SCHNEIDER-XZCPV1340L2 Datasheet
81Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PVC 2m
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com