Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XZCP1965L5 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza XZCP1965L5
Descripción Electrónicos  pre-wired connectors XZ - elbowed female - 1/2"20 UNF - 3 pins - cable PUR 5m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCP1965L5 Datasheet(HTML) 1 Page - Schneider Electric

  XZCP1965L5 Datasheet HTML 1Page - Schneider Electric XZCP1965L5 Datasheet HTML 2Page - Schneider Electric XZCP1965L5 Datasheet HTML 3Page - Schneider Electric XZCP1965L5 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan 4, 2021
1
Product data sheet
Characteristics
XZCP1965L5
pre-wired connectors XZ - elbowed female -
1/2"20 UNF - 3 pins - cable PUR 5m
Main
Accessory / separate
part category
Cabling accessory
Accessory / separate
part type
Pre-wired connectors
Series name
General purpose
Complementary
Electrical connection
Elbowed female connector 1/2"20 UNF, 3 pins
Cable connector fixing
Screw-on
Collar material
Metal
Status LED
Without
Cable length
5 m
Cable outer diameter
5.2 mm
Cable composition
3 x 0.34 mm²
Wire insulation material
PUR
[Ue] rated operational voltage
250 V AC
300 V DC
[In] rated current
4 A
Contact resistance
5000 µOhm
Minimum insulating resistance
1 GΩ
Net weight
0.18 kg
Environment
IP degree of protection
IP67
Product certifications
CULus
Ambient air temperature for operation
-35…90 °C static
-5…90 °C flexing
Ambient air temperature for storage
-35…100 °C
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
134 g
Package 1 Height
3.8 cm
Package 1 width
24 cm
Package 1 Length
28.5 cm
Unit Type of Package 2
S02
Number of Units in Package 2
20
Package 2 Weight
3.03 kg
Package 2 Height
15 cm
Package 2 width
30 cm


Número de pieza similar - XZCP1965L5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
XZCP1965L10 SCHNEIDER-XZCP1965L10 Datasheet
133Kb / 4P
   pre-wired connectors XZ - elbowed female 1/2"20 UNF - 3 pins - cable PUR 10m
XZCP1965L2 SCHNEIDER-XZCP1965L2 Datasheet
134Kb / 4P
   pre-wired connectors XZ - elbowed female - 1/2"20 UNF - 3 pins - cable PUR 2m
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com