Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XZCPA1241L5 Datasheet(PDF) 2 Page - Schneider Electric

No. de pieza XZCPA1241L5
Descripción Electrónicos  pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 5m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCPA1241L5 Datasheet(HTML) 2 Page - Schneider Electric

  XZCPA1241L5 Datasheet HTML 1Page - Schneider Electric XZCPA1241L5 Datasheet HTML 2Page - Schneider Electric XZCPA1241L5 Datasheet HTML 3Page - Schneider Electric XZCPA1241L5 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Contractual warranty
Warranty
18 months


Número de pieza similar - XZCPA1241L5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
XZCPA1241L10 SCHNEIDER-XZCPA1241L10 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 10m
XZCPA1241L2 SCHNEIDER-XZCPA1241L2 Datasheet
85Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 2m
More results

Descripción similar - XZCPA1241L5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
XZCPV1241L5 SCHNEIDER-XZCPV1241L5 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 5m
XZCPV1340L5 SCHNEIDER-XZCPV1340L5 Datasheet
82Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PVC 5m
XZCPA1164L5 SCHNEIDER-XZCPA1164L5 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female M12 - 5 pins - cable PVC 5m
XZCPV1264L5 SCHNEIDER-XZCPV1264L5 Datasheet
91Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 5m
XZCPV12V12L5 SCHNEIDER-XZCPV12V12L5 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 5m
XZCPV51V3L5 SCHNEIDER-XZCPV51V3L5 Datasheet
84Kb / 3P
   pre-wired connectors XZ - elbowed male - M12 - 4 pins - cable PVC 5m
XZCP1241L5 SCHNEIDER-XZCP1241L5 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PUR 5m
XZCPV1041L5 SCHNEIDER-XZCPV1041L5 Datasheet
99Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 4 pins - cable PVC 5m
XZCPA1241L10 SCHNEIDER-XZCPA1241L10 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 10m
XZCPA1241L2 SCHNEIDER-XZCPA1241L2 Datasheet
85Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 2m
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com