Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431AIPG Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza TL431AIPG
Descripción Electrónicos  PROGRAMMABLE PRECISION REFERENCES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431AIPG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button TL431AIPG Datasheet HTML 5Page - ON Semiconductor TL431AIPG Datasheet HTML 6Page - ON Semiconductor TL431AIPG Datasheet HTML 7Page - ON Semiconductor TL431AIPG Datasheet HTML 8Page - ON Semiconductor TL431AIPG Datasheet HTML 9Page - ON Semiconductor TL431AIPG Datasheet HTML 10Page - ON Semiconductor TL431AIPG Datasheet HTML 11Page - ON Semiconductor TL431AIPG Datasheet HTML 12Page - ON Semiconductor TL431AIPG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TL431, A, B Series, NCV431A, B
http://onsemi.com
9
Figure 26. Voltage Monitor
Figure 27. Single−Supply Comparator with
Temperature−Compensated Threshold
Vth = Vref
V+
Vout
Vin
R1
R3
V+
Vout
R2
R4
l
L.E.D. indicator is `on' when V+ is between the
upper and lower limits.
LowerLimit
+ 1 ) R1
R2
V
ref
UpperLimit
+ 1 ) R3
R4
V
ref
Vin
Vout
< Vref
V+
> Vref ≈ 2.0 V
Figure 28. Linear Ohmmeter
Figure 29. Simple 400 mW Phono Amplifier
* Thermalloy
* THM 6024
* Heatsink on
* LP Package
*
Tl = 330 to 8.0 W
8.0
W
+
-
LM11
2.0 mA
25 V
25 V
-5.0 V
Vout
Range
V
1.0 M
W
V
100 k
W
V
V
1.0 k
W
RX
5.0 M
1%
500 k
1%
50 k
1%
5.0 k
1%
47 k
Tone
0.05
mF
470
mF
Volume
1N5305
1.0
mF
TI
360 k
330
56 k
10 k
25 k
38 V
+
10 k
W
10 k
Calibrate
Rx + Vout D
W
V
Range


Número de pieza similar - TL431AIPG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
TL431AIPG ONSEMI-TL431AIPG Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431AIPG ONSEMI-TL431AIPG Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431AIPG ONSEMI-TL431AIPG Datasheet
181Kb / 18P
   Programmable Precision References
March, 2016 ??Rev. 38
TL431AIPG ONSEMI-TL431AIPG Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
TL431AIPG ONSEMI-TL431AIPG Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
More results

Descripción similar - TL431AIPG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com