Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK218-50DC Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BUK218-50DC
Descripción Electrónicos  TOPFET dual high side switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK218-50DC Datasheet(HTML) 8 Page - NXP Semiconductors

  BUK218-50DC Datasheet HTML 1Page - NXP Semiconductors BUK218-50DC Datasheet HTML 2Page - NXP Semiconductors BUK218-50DC Datasheet HTML 3Page - NXP Semiconductors BUK218-50DC Datasheet HTML 4Page - NXP Semiconductors BUK218-50DC Datasheet HTML 5Page - NXP Semiconductors BUK218-50DC Datasheet HTML 6Page - NXP Semiconductors BUK218-50DC Datasheet HTML 7Page - NXP Semiconductors BUK218-50DC Datasheet HTML 8Page - NXP Semiconductors BUK218-50DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
BUK218-50DC
MECHANICAL DATA
Fig.4. SOT427 surface mounting package
1, centre pin connected to mounting base.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT427
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK);
7 leads (one lead cropped)
SOT427
ee
e
e
e
e
E
b
A1
A
A1
Lp
bc
e
A
UNIT
DIMENSIONS (mm are the original dimensions)
E
mm
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
2.90
2.10
HD
15.80
14.80
Q
2.60
2.20
10.30
9.70
D1
1.60
1.20
1.27
D
max.
11
1
4
7
mounting
base
D1
HD
D
Q
Lp
c
99-06-25
01-04-18
1 Epoxy meets UL94 V0 at 1/8". Net mass: 1.5 g.
For soldering guidelines and SMD footprint design, please refer to Data Handbook SC18.
October 2001
8
Rev 2.010


Número de pieza similar - BUK218-50DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
More results

Descripción similar - BUK218-50DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
BUK209-50Y NXP-BUK209-50Y Datasheet
58Kb / 8P
   TOPFET high side switch
September 2002 Rev 2.000
PIP3209-R PHILIPS-PIP3209-R Datasheet
45Kb / 8P
   TOPFET high side switch
July 2001 Rev 1.000
PIP3211-R PHILIPS-PIP3211-R Datasheet
192Kb / 13P
   TOPFET high side switch
September 2001-Rev 1.000
PIP3210-R PHILIPS-PIP3210-R Datasheet
190Kb / 13P
   TOPFET high side switch
September 2001-Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
   TOPFET high side switch
October 2001-Rev 1.000
BUK224-50Y PHILIPS-BUK224-50Y Datasheet
48Kb / 8P
   TOPFET high side switch
November 2002-Rev 2.000
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com