Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPEAR-09-H022 Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza SPEAR-09-H022
Descripción Electrónicos  SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H022 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPEAR-09-H022 Datasheet HTML 20Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 21Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 22Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 23Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 24Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 25Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 26Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 27Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
4 Pin Description
SPEAR-09-H022
24/55
4.2
SPECIAL IOs
4.2.1
USB 2.0 Transceiver
SPEAr Head has three USB 2.0 UTMI + Multimode ATX transceivers. One transceiver will be
used by the USB Device controller, and two will be used by the Hosts. These are all integrated
into a single USB three-PHYs macro.
4.2.2
DRAM
Data and address buses of Multi-Port Memory Controller used to connect to the banks memory
are constituted of programmable pins.


Número de pieza similar - SPEAR-09-H022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
More results

Descripción similar - SPEAR-09-H022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
   SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
   SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
UM0851 STMICROELECTRONICS-UM0851 Datasheet
3Mb / 245P
   SPEAr is a family of highly customizable ARM-based embedded
logo
List of Unclassifed Man...
CXT32SI10 ETC2-CXT32SI10 Datasheet
352Kb / 7P
   Embedded Serial-IP SOC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
   Hi3516D Professional HD IP Camera SoC
2014-12-22
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
STMicroelectronics
SPEAR-09-H122 STMICROELECTRONICS-SPEAR-09-H122_08 Datasheet
327Kb / 40P
   SPEAr??Head600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com