Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

20NFA60 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

No. de pieza 20NFA60
Descripción Electrónicos  Low Forward Voltage drop Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIEC [Nihon Inter Electronics Corporation]
Página de inicio  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

20NFA60 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  20NFA60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 20NFA60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 20NFA60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 20NFA60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 20NFA60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FORWARD CURRENT VS. VOLTAGE
20NFA60
0
0.5
1.0
1.5
2.0
2.5
3.0
INSTANTANEOUS FORWARD VOLTAGE (V)
0.2
0.5
1
2
5
10
20
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AVERAGE FORWARD CURRENT (A)
0
1
2
3
4
20NFA60
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°


Número de pieza similar - 20NFA60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Inter Electronics...
20NFA40 NIEC-20NFA40 Datasheet
48Kb / 5P
   Low Forward Voltage drop Diode
logo
National Instruments Co...
20NFA40 NI-20NFA40_15 Datasheet
103Kb / 1P
   FRED
20NFA40_2015 NI-20NFA40_2015 Datasheet
103Kb / 1P
   FRED
More results

Descripción similar - 20NFA60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
   Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
   Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com