Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1975 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza 2SD1975
Descripción Electrónicos  Silicon PNP triple diffusion planar type(For high power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1975 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1975 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1975 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1975 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
Unit: mm
1:Base
2:Collector
3:Emitter
TOP–3L Package
20.0
±0.5
10.9
±0.5
123
2.0
±0.3
3.0
±0.3
1.0
±0.2
5.0
±0.3
3.0
5.45
±0.3
0.6
±0.2
1.5
2.7
±0.3
1.5
φ 3.3±0.2
2SB1317
Silicon PNP triple diffusion planar type
For high power amplification
Complementary to 2SD1975
s Features
q
Satisfactory foward current transfer ratio hFE vs. collector cur-
rent IC characteristics
q
Wide area of safe operation (ASO)
q
High transition frequency fT
q
Optimum for the output stage of a HiFi audio amplifier
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–180
–180
–5
–25
–15
150
3.5
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
IEBO
hFE1
hFE2
*
hFE3
VBE
VCE(sat)
fT
Cob
Conditions
VCB = –180V, IE = 0
VEB = –3V, IC = 0
VCE = –5V, IC = –20mA
VCE = –5V, IC = –1A
VCE = –5V, IC = –8A
VCE = –5V, IC = –8A
IC = –10A, IB = –1A
VCE = –5V, IC = – 0.5A, f = 1MHz
VCB = –10V, IE = 0, f = 1MHz
min
20
60
20
typ
20
450
max
–50
–50
200
–1.8
–2.5
Unit
µA
µA
V
V
MHz
pF
TC=25°C
Ta=25
°C
*h
FE2 Rank classification
Rank
Q
S
P
hFE2
60 to 120
80 to 160
100 to 200


Número de pieza similar - 2SD1975

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1975 PANASONIC-2SD1975 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
logo
Inchange Semiconductor ...
2SD1975 ISC-2SD1975 Datasheet
104Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1975 SAVANTIC-2SD1975 Datasheet
203Kb / 4P
   Silicon NPN Power Transistors
2SD1975 SAVANTIC-2SD1975 Datasheet
205Kb / 4P
   Silicon NPN Power Transistors
logo
Panasonic Semiconductor
2SD1975A PANASONIC-2SD1975A Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
More results

Descripción similar - 2SD1975

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SB1371 PANASONIC-2SB1371 Datasheet
51Kb / 3P
   Silicon PNP triple diffusion planar type(For high power amplification)
2SB1347 PANASONIC-2SB1347 Datasheet
53Kb / 3P
   Silicon PNP triple diffusion planar type(For high power amplification)
2SB1361 PANASONIC-2SB1361 Datasheet
51Kb / 3P
   Silicon PNP triple diffusion planar type(For high power amplification)
2SB1645 PANASONIC-2SB1645 Datasheet
54Kb / 2P
   Silicon PNP triple diffusion planar type Darlington(For power amplification)
2SD1499 PANASONIC-2SD1499 Datasheet
44Kb / 2P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD2064 PANASONIC-2SD2064 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD2052 PANASONIC-2SD2052 Datasheet
52Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD1485 PANASONIC-2SD1485 Datasheet
44Kb / 2P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD1975 PANASONIC-2SD1975 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD2029 PANASONIC-2SD2029 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com