Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HL-AC1 Datasheet(PDF) 8 Page - Panasonic Semiconductor

No. de pieza HL-AC1
Descripción Electrónicos  Ultra-compact Laser Collimated Beam Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HL-AC1 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button HL-AC1 Datasheet HTML 4Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 5Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 6Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 7Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 8Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 9Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 10Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 11Page - Panasonic Semiconductor HL-AC1 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ultra-compact Laser Collimated Beam Sensor
HL-T1 SERIES 1118
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Laser
Displacement
Magnetic
Displacement
Contact
Displacement
Collimated
Beam
Sensors
Metal-sheet
Double-feed
Detection
Digital Panel
Controller
Other
Products
HL-T1
LD
LA
PRECAUTIONS FOR PROPER USE
• This catalog is a guide to select a suitable product. Be
sure to read instruction manual attached to the product
prior to its use.
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.
Safe use of laser products
• For the purpose of preventing users from suffering
injuries by laser products, IEC 60825-1 “Safety of laser
products”. Kindly check the standards before use.
(Refer to p.1593~ for information about laser beam.)
• This product is classified as a Class 1 Laser
Product in IEC / JIS regulations and a Class
II Laser Product in FDA regulations. Do not
look at the laser beam through optical
system such as a lens.
• The following label is attached to the
product. Handle the product according to the
instruction given on the warning label.
The English warning label based
on FDA regulations is pasted on
the FDA conformed type.
Refer to p.1595 for general precautions and p.1593~ for information about laser beam.
Safety standards for laser beam products
• A laser beam can harm human being’s eyes, skin, etc.,
because of its high energy density. IEC has classified
laser products according to the degree of hazard and the
stipulated safety requirements.
The
HL-T1 series is classified as Class 1 laser.
Classification
Description
Class 1
Lasers that are safe under reasonably foreseeable conditions of operation,
including the use of optical instruments for intrabeam viewing.
Classification by IEC 60825-1
Functions
Function
Details
Zero reset
function
The following tasks can be done by executing zero
reset.
• The display value can be set at “0”.
• The linear output when the display reads “0” is
made the center output value of the 2 points set
by monitor focus. (In the default state, the current
output is 12 mA and the voltage output is 0 V.)
Auto scaling
function
The auto scaling function selects whether to display
the laser beam reception amount in the main-digital
display in “mm” units or in “%” units, and determines
whether the amount of laser beam received or the
amount of laser beam interrupted is displayed. With
the set standard laser beam reception amount as the
reference value, the current laser beam reception
amount (laser beam interrupted amount) is scaled
automatically and is displayed as well as being
output.
Standard
received light
setting
This function registers and stores the current laser
beam reception amount in memory as the standard
laser beam reception amount. The laser beam
reception amount during full laser beam entry
becomes the 100 % laser beam reception amount’s
full scale (F.S.). If this function is used, the display
and the linear output are set on the full scale (F.S.)
automatically. It can also be used to correct the laser
beam reception amount when there is a change in
the laser beam reception amount due to dirt, etc. on
the front glass.
Scaling function
The scaling function is a function that changes the
display value to the desired amount with respect to
the setting value. At the desired distance, the display
value can be input and changed.
Hysteresis width
setting function
This function sets the hysteresis to the desired value.
Monitor focus
function
With this function, the linear output range and
inclination, etc. with respect to the display value can
be specified. Setting is done by determining the 2
output values with respect to the desired display
values.
Differential
function
This function makes the amount of change in the
measured value an output value. Use this function
when measuring if you are paying attention to
changes in measured values, as when counting the
number of workpieces, etc.
Display reverse
function
The digital display’s direction can be selected. The
forward direction or the reverse direction to match
the direction of installation on the equipment can be
selected.
ECO display
function
This function makes the display dark and saves
electric power.
Display digits
limitation function
This determines the number of display digits in the
main-digital and sub-digital displays. If the number of
digits is limited, the digits are turned off beginning
with the lowest order digit.
Zero reset memory
function
This selects whether or not to save the zero reset
level in memory when the power is turned OFF. If
you desire to reproduce the zero reset level from the
previous operating session when you turn the power
ON again, then enable this function. If this function is
enabled, the zero reset level data are written into the
EEPROM each time.
Key lock
function
The controller’s key input can be disabled. Once the
key input is disabled, the controller will not accept
any key inputs until the key lock is released. Use this
function to avoid changing the setting by mistake.
Connection
• This product is made to satisfy the specifications when the
sensor head is combined with the controller. In any other
combination, not only may it not satisfy the specifications,
but could be the cause of breakdown. So by all means,
use it so that there is a combination of the sensor head
and the controller.


Número de pieza similar - HL-AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zemic Europe B.V.
HL-3-003 ZEMIC-HL-3-003 Datasheet
354Kb / 2P
   Type HL-3-003 Rod-end
2023.06
HL-3-005 ZEMIC-HL-3-005 Datasheet
259Kb / 2P
   Type HL-3-005 Eye Bolt with Fork Joint
2023.01
logo
Omron Electronics LLC
HL-5000 OMRON-HL-5000 Datasheet
721Kb / 7P
   Economical, Miniature Limit Switch Boasting Rigid Construction
HL-5030 OMRON-HL-5030 Datasheet
721Kb / 7P
   Economical, Miniature Limit Switch Boasting Rigid Construction
HL-5050 OMRON-HL-5050 Datasheet
721Kb / 7P
   Economical, Miniature Limit Switch Boasting Rigid Construction
More results

Descripción similar - HL-AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
OBE1000-R2-SE2-L PF-OBE1000-R2-SE2-L Datasheet
789Kb / 4P
   Laser thru-beam sensor
OBE1000-R3-SE0-L PF-OBE1000-R3-SE0-L Datasheet
772Kb / 4P
   Laser thru-beam sensor
OBE20M-R101-SEP-IO-V3-L PF-OBE20M-R101-SEP-IO-V3-L Datasheet
703Kb / 5P
   Laser thru-beam sensor
OBE10M-R2-SE2-L PF-OBE10M-R2-SE2-L Datasheet
790Kb / 4P
   Laser thru-beam sensor
OBE40M-R201-S2EP-IO-V1-L PF-OBE40M-R201-S2EP-IO-V1-L Datasheet
610Kb / 5P
   Laser thru-beam sensor
OBE10M-R103-S2EP-IO PF-OBE10M-R103-S2EP-IO Datasheet
422Kb / 4P
   Laser thru-beam sensor
OBE40M-R200-S2EP-IO-L PF-OBE40M-R200-S2EP-IO-L Datasheet
568Kb / 4P
   Laser thru-beam sensor
OBE40M-R200-S2EP-IO-V1-L PF-OBE40M-R200-S2EP-IO-V1-L Datasheet
623Kb / 5P
   Laser thru-beam sensor
OBE10M-R2-SE0-L PF-OBE10M-R2-SE0-L Datasheet
790Kb / 4P
   Laser thru-beam sensor
OBE20M-R101-S2EP-IO-L PF-OBE20M-R101-S2EP-IO-L Datasheet
627Kb / 4P
   Laser thru-beam sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com