Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4934WL Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM4934WL
Descripción Electrónicos  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934WL Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4934WL Datasheet HTML 2Page - National Semiconductor (TI) LM4934WL Datasheet HTML 3Page - National Semiconductor (TI) LM4934WL Datasheet HTML 4Page - National Semiconductor (TI) LM4934WL Datasheet HTML 5Page - National Semiconductor (TI) LM4934WL Datasheet HTML 6Page - National Semiconductor (TI) LM4934WL Datasheet HTML 7Page - National Semiconductor (TI) LM4934WL Datasheet HTML 8Page - National Semiconductor (TI) LM4934WL Datasheet HTML 9Page - National Semiconductor (TI) LM4934WL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Audio Amplifier Electrical Characteristics AV
DD = 3.0V, DVDD = 3.0V (Notes 1,
2) (Continued)
The following specifications apply for the circuit shown in Figure 1 with all programmable gain set at 0dB, unless otherwise
specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4934
Units
(Limits)
Typical
(Note 6)
Limits
(Notes
7, 8)
Xtalk
Crosstalk
Loudspeaker; P
O= 200mW
f = 1kHz
–84
dB
Headphone; P
O= 10mW
f = 1kHz; SE
–85
dB
Headphone; P
O= 10mW
f = 1kHz; OCL
–60
dB
T
WU
Wake-Up Time
C
B = 2.2µF, CD6 = 0
35
ms
C
B = 2.2µF, CD6 = 1
85
ms
Audio Amplifier Electrical Characteristics AV
DD = 5.0V, DVDD = 3.3V (Notes 1,
2)
The following specifications apply for the circuit shown in Figure 1 with all programmable gain set at 0dB, unless otherwise
specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4934
Units
(Limits)
Typical
(Note 6)
Limits
(Notes
7, 8)
I
DD
Supply Current
V
IN = 0, No Load
All Amps On - DAC
24
mA (max)
Headphone Mode Only
5.8
mA
Stereo Speaker Mode Only
17
mA
Mono Speaker Mode Only
7
mA
DAC Off, All Amps On
19
mA
I
SD
Shutdown Current
1.6
µA
P
O
Output Power
Speaker; THD = 1%;
f = 1kHz, 8
Ω BTL
1.2
mW
Headphone; THD = 1%;
f = 1kHz, 32
Ω SE
80
mW
Earpiece; THD = 1%;
f = 1kHz, 32
Ω BTL
175
mW
V
FS DAC
Full Scale DAC Output
2.4
Vpp
THD+N
Total Harmonic Distortion
Speaker; P
O = 500mW;
f = 1kHz, 8
Ω BTL
0.03
%
Headphone; P
O = 30mW;
f = 1kHz, 32
Ω SE
0.01
%
Earpiece; P
O = 40mW;
f = 1kHz, 32
Ω BTL; CD4 = 0
0.04
%
Line Out; V
O = 1Vrms; f = 1kHz, 10k
Ω SE
0.003
%
V
OS
Offset Voltage
Speaker
8
mV
Earpiece
8
mV
HP (OCL)
8
mV
O
Output Noise
A = weighted; 0dB gain;
See Table 1
Table 1
www.national.com
6


Número de pieza similar - LM4934WL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
More results

Descripción similar - LM4934WL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Texas Instruments
LM4937 TI1-LM4937 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com