Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM317T Datasheet(PDF) 10 Page - ON Semiconductor |
|
LM317T Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 12 page LM317, NCV317 http://onsemi.com 10 ORDERING INFORMATION Device Operating Temperature Range Package Shipping† LM317BD2T TJ = −40° to +125°C D2PAK−3 50 Units / Rail LM317BD2TG D2PAK−3 (Pb−Free) LM317BD2TR4 D2PAK−3 800 Tape & Reel LM317BD2TR4G D2PAK−3 (Pb−Free) LM317BT TO−220 50 Units / Rail LM317BTG TO−220 (Pb−Free) LM317D2T TJ = 0° to +125°C D2PAK−3 50 Units / Rail LM317D2TG D2PAK−3 (Pb−Free) 50 Units / Rail LM317D2TR4 D2PAK−3 800 Tape & Reel LM317D2TR4G D2PAK−3 (Pb−Free) 800 Tape & Reel LM317T TO−220 50 Units / Rail LM317TG TO−220 (Pb−Free) NCV317BD2T* TJ = −55° to +150°C D2PAK−3 50 Units / Rail NCV317BD2TG* D2PAK−3 (Pb−Free) 50 Units / Rail NCV317BD2TR4* D2PAK−3 800 Tape & Reel NCV317BD2TR4G* D2PAK−3 (Pb−Free) 800 Tape & Reel NCV317BT* TO−220 50 Units / Rail NCV317BTG* TO−220 (Pb−Free) 50 Units / Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *Devices are qualified for automotive use. TO−220 T SUFFIX CASE 221A MARKING DIAGRAMS A = Assembly Location WL = Wafer Lot Y = Year WW = Work Week G = Pb−Free Package LM 317T AWLYWWG NC V317BT AWLYWWG D2PAK−3 D2T SUFFIX CASE 936 LM 317BD2T AWLYWWG LM 317D2T AWLYWWG NC V317BD2T AWLYWWG 1 2 3 1 LM 317BT AWLYWWG 23 12 3 12 3 1 2 3 1 2 3 |
Número de pieza similar - LM317T |
|
Descripción similar - LM317T |