Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCH30B03L Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

No. de pieza FCH30B03L
Descripción Electrónicos  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIEC [Nihon Inter Electronics Corporation]
Página de inicio  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FCH30B03L Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  FCH30B03L Datasheet HTML 1Page - Nihon Inter Electronics Corporation FCH30B03L Datasheet HTML 2Page - Nihon Inter Electronics Corporation FCH30B03L Datasheet HTML 3Page - Nihon Inter Electronics Corporation FCH30B03L Datasheet HTML 4Page - Nihon Inter Electronics Corporation FCH30B03L Datasheet HTML 5Page - Nihon Inter Electronics Corporation FCH30B03L Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
FCH30B03L (per Arm)
Tj= 150 °C
0
5
10
15
20
25
30
35
PEAK REVERSE VOLTAGE (V)
20
50
100
200
AVERAGE REVERSE POWER DISSIPATION
FCH30B03L (Total)
0
5
10
15
20
25
30
35
REVERSE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RECT 180°
SINE WAVE
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
FCH30B03L (per Arm)
Tj= 150 °C
0
5
10
15
20
25
30
35
PEAK REVERSE VOLTAGE (V)
20
50
100
200
AVERAGE REVERSE POWER DISSIPATION
FCH30B03L (Total)
0
5
10
15
20
25
30
35
REVERSE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RECT 180°
SINE WAVE


Número de pieza similar - FCH30B03L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Instruments Co...
FCH30B03L NI-FCH30B03L_15 Datasheet
144Kb / 1P
   SBD
More results

Descripción similar - FCH30B03L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com