Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XCSM3916L5 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza XCSM3916L5
Descripción Electrónicos  safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 5 m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSM3916L5 Datasheet(HTML) 1 Page - Schneider Electric

  XCSM3916L5 Datasheet HTML 1Page - Schneider Electric XCSM3916L5 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb 8, 2021
1
Product data sheet
Characteristics
XCSM3916L5
safety limit switch XCSM - metal - rotary lever -
2 NC + 1 NO - cable 5 m
Main
Range of product
Preventa Safety detection
Product or component
type
Safety limit switch
Component name
XCSM
Design
Miniature
Material
Metal
Head type
Rotary head
Protection technology
Plastic protective cover, secured by 5-lobe socket
head safety screw
Type of approach
Lateral approach
Type of operator
Steel roller lever
Contacts type and
composition
1 NC + 1 NC + 1 NO
Contact operation
Snap action
Complementary
Electrical connection
Pre-cabled
Cable length
5 m
Cable composition
7 x 0.5 mm²
Switch actuation
By 30° cam
Fixing mode
By the body
Number of poles
3
Positive opening
With NC contact
Mechanical durability
10000000 cycles
Minimum torque for tripping
0.5 N.m
Positive opening minimum torque
0.1 N.m
Minimum actuation speed
0.01 m/min
Maximum actuation speed
1.5 m/s
Contact code designation
B300, AC-15 (Ue = 240 V, Ie = 1.5 A) conforming to EN 60947-5-1
B300, AC-15 (Ue = 240 V, Ie = 1.5 A) conforming to EN/IEC 60947-5-1 appendix
A
R300, DC-13 (Ue = 250 V, Ie = 0.1 A) conforming to EN 60947-5-1
R300, DC-13 (Ue = 250 V, Ie = 0.1 A) conforming to EN/IEC 60947-5-1 appendix
A
[Ui] rated insulation voltage
300 V conforming to UL 508
400 V (pollution degree 3) conforming to IEC 60947-5-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
IEC 60664 4 kV
IEC 60947-1 4 kV
Maximum resistance across terminals
25 MOhm conforming to IEC 60255-7 category 3
Short-circuit protection
6 A cartridge fuse type gG (gl)
Repeat accuracy
0.05 mm on the tripping points
Body material
Zamak
Head material
Zamak
Depth
34 mm
Height
94 mm
Width
30 mm
Net weight
0.21 kg


Número de pieza similar - XCSM3916L5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
XCSM3916L1 SCHNEIDER-XCSM3916L1 Datasheet
91Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 1 m
XCSM3916L2 SCHNEIDER-XCSM3916L2 Datasheet
91Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 2 m
More results

Descripción similar - XCSM3916L5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
XCSM3715L5 SCHNEIDER-XCSM3715L5 Datasheet
93Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 5 m
XCSM3716L5 SCHNEIDER-XCSM3716L5 Datasheet
91Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 5 m
XCSM3915L5 SCHNEIDER-XCSM3915L5 Datasheet
93Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 5 m
XCSM3916L1 SCHNEIDER-XCSM3916L1 Datasheet
91Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 1 m
XCSM4116L5 SCHNEIDER-XCSM4116L5 Datasheet
91Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 2 NO - cable 5 m
XCSM3915L1 SCHNEIDER-XCSM3915L1 Datasheet
93Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 1 m
XCSM4115L5 SCHNEIDER-XCSM4115L5 Datasheet
93Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 2 NO - cable 5 m
XCSM3716L1 SCHNEIDER-XCSM3716L1 Datasheet
91Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 1 m
XCSM3715L1 SCHNEIDER-XCSM3715L1 Datasheet
93Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 1 NO - cable 1 m
XCSM4116L1 SCHNEIDER-XCSM4116L1 Datasheet
91Kb / 2P
   safety limit switch XCSM - metal - rotary lever - 2 NC 2 NO - cable 1 m
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com