Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SB939 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SB939
Descripción Electrónicos  Silicon PNP epitaxial planar type Darlington
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB939 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB939 Datasheet HTML 1Page - Panasonic Semiconductor 2SB939 Datasheet HTML 2Page - Panasonic Semiconductor 2SB939 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SB939, 2SB939A
PC —Ta
IC —VCE
VCE(sat) —IC
VCE(sat) —IC
VBE(sat) —IC
VBE(sat) —IC
hFE —IC
Cob —VCB
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 50
× 50 × 2mm
Al heat sink
(3) Without heat sink
(P
C=1.3W)
(1)
(3)
(2)
Ambient temperature Ta (˚C)
0–5
–4
–1
–3
–2
0
–8
–6
–2
–5
–7
–4
–1
–3
–1.8mA
–1.6mA
–1.4mA
–1.2mA
–1.0mA
– 0.8mA
– 0.6mA
– 0.4mA
– 0.2mA
T
C=25˚C
I
B=–2.0mA
Collector to emitter voltage V
CE
(V)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
I
C/IB=500
T
C=100˚C
–25˚C
25˚C
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
(1) I
C/IB=250
(2) I
C/IB=500
(3) I
C/IB=1000
T
C=25˚C
(1)
(2)
(3)
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
I
C/IB=500
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
(1)
(2)
(3)
(1) I
C/IB=250
(2) I
C/IB=500
(3) I
C/IB=1000
T
C=25˚C
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
102
105
104
103
V
CE=–3V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
Non repetitive pulse
T
C=25˚C
10ms
t=1ms
I
CP
I
C
300ms
Collector to emitter voltage V
CE
(V)


Número de pieza similar - 2SB939

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SB939 PANASONIC-2SB939 Datasheet
84Kb / 4P
   For Midium-Speed Power Switching
2SB939A PANASONIC-2SB939A Datasheet
84Kb / 4P
   For Midium-Speed Power Switching
More results

Descripción similar - 2SB939

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SB1180 PANASONIC-2SB1180 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type darlington
2SB1502 PANASONIC-2SB1502 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington
2SB949 PANASONIC-2SB949 Datasheet
63Kb / 2P
   Silicon PNP epitaxial planar type Darlington
2SB1504 PANASONIC-2SB1504 Datasheet
90Kb / 3P
   Silicon PNP epitaxial planar type darlington
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
   Epitaxial Planar PNP Silicon Darlington Transistors
logo
Toshiba Semiconductor
2SB1617 TOSHIBA-2SB1617_06 Datasheet
148Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
List of Unclassifed Man...
SLA6010 ETC-SLA6010 Datasheet
373Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON, SILICON PNP EPITAXIAL PLANAR DARLINGTON
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_06 Datasheet
141Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
Sanken electric
SLA6050 SANKEN-SLA6050 Datasheet
237Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON SILICON PNP EPITAXIAL PLANAR DARLINGTON
logo
Panasonic Semiconductor
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com