Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM89T16R1L16 Datasheet(PDF) 3 Page - SyncMOS Technologies,Inc |
|
SM89T16R1L16 Datasheet(HTML) 3 Page - SyncMOS Technologies,Inc |
3 / 34 page SyncMOS Technologies Inc. SM89T16R1 8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded Specifications subject to change without notice contact your sales representatives for the most recent information. SM89T16R1 V1.0 JANUARY 2005 3 Block Diagram Parallel I/O ports & Ext. Bus (2) UART Int-RAM 256x8 Timer0 Timer1 CPU FLASH 64Kx8 Ext-RAM 1024x8 ADC PWM Timer2 iBUS C51 CORE WR (3) (3) INT / PDWU (3) (3) Port0 Port1 Port2 Port3 (2) (3) RD (3) PSEN ALE Xtal2 Xtal1 EA (1) (1) (1) (1) Notes: (1): Alternate function of P1 (2): Alternate function of P2 (3): Alternate function of P3 (4): Alternate function of ALE, PSEN Expand Interrupt/ Wake Up (2) (2) (3) (3) (1) (1) (1) (1) (1) (1) UART1 RTC Port4 (4) (4) |
Número de pieza similar - SM89T16R1L16 |
|
Descripción similar - SM89T16R1L16 |