Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD70F3114 Datasheet(PDF) 6 Page - NEC

No. de Pieza. UPD70F3114
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  692 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD70F3114 Datasheet(HTML) 6 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 6 / 692 page
background image
6
User’s Manual U15195EJ5V0UD
PREFACE
Readers
This manual is intended for users who wish to understand the functions of the
V850E/IA2 and design application systems using it.
The target products are as follows.
• Standard products:
µPD703114, 70F3114
• Special grade products:
µPD703114(A), 70F3114(A)
Purpose
This manual is intended to give users an understanding of the hardware functions of
the V850E/IA2 shown in the Organization below.
Organization
This manual is divided into two parts:
Hardware (this manual) and Architecture
(V850E1 Architecture User’s Manual).
Hardware
Architecture
• Pin functions
• Data type
• CPU function
• Register set
• On-chip peripheral functions
• Instruction format and instruction set
• Flash memory programming
• Interrupts and exceptions
• Electrical specifications
• Pipeline operation
How to Read This Manual
It is assumed that the readers of this manual have general knowledge in the fields of
electrical engineering, logic circuits, and microcontrollers.
Cautions 1. The application examples in this manual apply to “standard”
quality grade products for general electronic systems.
When
using an example in this manual for an application that requires a
“special”
quality
grade
product,
thoroughly
evaluate
the
component and circuit to be actually used to see if they satisfy the
special quality grade.
2. When using this manual as a manual for a special grade product,
read the part numbers as follows.
µPD703114 → 703114(A)
µPD70F3114 → 70F3114(A)
• To find the details of a register where the name is known
→ Refer to APPENDIX B REGISTER INDEX.
• To understand the details of an instruction function
→ Refer to the V850E1 Architecture User’s Manual.
• To know details of the electrical specifications of the V850E/IA2
→ Refer to CHAPTER 16 ELECTRICAL SPECIFICATIONS.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn