Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD70F3114 Datasheet(PDF) 80 Page - NEC

No. de pieza UPD70F3114
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD70F3114 Datasheet(HTML) 80 Page - NEC

Back Button UPD70F3114 Datasheet HTML 76Page - NEC UPD70F3114 Datasheet HTML 77Page - NEC UPD70F3114 Datasheet HTML 78Page - NEC UPD70F3114 Datasheet HTML 79Page - NEC UPD70F3114 Datasheet HTML 80Page - NEC UPD70F3114 Datasheet HTML 81Page - NEC UPD70F3114 Datasheet HTML 82Page - NEC UPD70F3114 Datasheet HTML 83Page - NEC UPD70F3114 Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 692 page
background image
80
User’s Manual U15195EJ5V0UD
CHAPTER 4 BUS CONTROL FUNCTION
The V850E/IA2 is provided with an external bus interface function by which external I/O and memories, such as
ROM and RAM, can be connected.
4.1
Features
• 16-bit/8-bit data bus sizing function
• Wait function
• Programmable wait function: up to 7 wait states can be inserted
• External wait function via WAIT pin
• Idle state insertion function
• External device connection enabled via bus control/port alternate function pins
4.2
Bus Control Pins
The following pins are used for connection to external devices.
Bus Control Pin (Function When in Control Mode)
Function When in Port Mode
Register for Port/Control
Mode Switching
Address/data bus (AD0 to AD15)
PDL0 to PDL15 (port DL)
PMCDL
Address bus (A16 to A21)
PDH0 to PDH5 (port DH)
PMCDH
Read/write control (LWR/UWR, RD, ASTB)
PCT0, PCT1, PCT4, PCT6
(port CT)
PMCCT
External wait control (WAIT)
PCM0 (port CM)
Internal system clock (CLKOUT)
PCM1 (port CM)
PMCCM
Remark
In the case of ROMless mode, when the system is reset, each bus control pin becomes valid
unconditionally.
4.2.1
Pin status during internal ROM, internal RAM, and on-chip peripheral I/O access
When the internal ROM and RAM are accessed, both the address bus and address/data bus become undefined.
The external bus control signal becomes inactive.
When on-chip peripheral I/O are accessed, both the address bus and address/data bus output the address of the
on-chip peripheral I/O currently being accessed. No data is output. The external bus control signal becomes inactive.


Número de pieza similar - UPD70F3114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A NEC-UPD70F3116A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A1 NEC-UPD70F3116A1 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN NEC-UPD70F3116GJ-UEN Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN-A NEC-UPD70F3116GJ-UEN-A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
More results

Descripción similar - UPD70F3114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com