Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD70F3116 Datasheet(PDF) 51 Page - NEC

No. de pieza UPD70F3116
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  826 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD70F3116 Datasheet(HTML) 51 Page - NEC

Back Button UPD70F3116 Datasheet HTML 47Page - NEC UPD70F3116 Datasheet HTML 48Page - NEC UPD70F3116 Datasheet HTML 49Page - NEC UPD70F3116 Datasheet HTML 50Page - NEC UPD70F3116 Datasheet HTML 51Page - NEC UPD70F3116 Datasheet HTML 52Page - NEC UPD70F3116 Datasheet HTML 53Page - NEC UPD70F3116 Datasheet HTML 54Page - NEC UPD70F3116 Datasheet HTML 55Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 826 page
background image
CHAPTER 3 CPU FUNCTION
51
User’s Manual U14492EJ5V0UD
3.2.2
System register set
System registers control the status of the CPU and hold interrupt information.
To read/write these system registers, specify a system register number indicated below using the system register
load/store instruction (LDSR or STSR instruction).
Table 3-2. System Register Numbers
Operand Specification
No.
System Register Name
LDSR Instruction
STSR Instruction
0
Status saving register during interrupt (EIPC)
Note 1
1
Status saving register during interrupt (EIPSW)
Note 1
2
Status saving register during NMI (FEPC)
3
Status saving register during NMI (FEPSW)
4
Interrupt source register (ECR)
×
5
Program status word (PSW)
6 to 15
Reserved number for future function expansion (operations that access
these register numbers cannot be guaranteed).
×
×
16
Status saving register during CALLT execution (CTPC)
17
Status saving register during CALLT execution (CTPSW)
18
Status saving register during exception/debug trap (DBPC)
Note 2
Note 2
19
Status saving register during exception/debug trap (DBPSW)
Note 2
Note 2
20
CALLT base pointer (CTBP)
21 to 31
Reserved number for future function expansion (operations that access
these register numbers cannot be guaranteed).
×
×
Notes 1.
Because this register has only one set, to allow multiple interrupts, it is necessary to save this register
by program.
2.
These registers can be accessed only after DBTRAP instruction execution and before DBRETI
instruction execution.
Caution
Even if bit 0 of EIPC, FEPC, or CTPC is set to 1 with the LDSR instruction, bit 0 will be ignored
when the program is returned by the RETI instruction after interrupt servicing (because bit 0 of
the PC is fixed to 0). When setting the value of EIPC, FEPC, or CTPC, use an even value (bit 0 =
0).
Remark
: Access allowed
×: Access prohibited


Número de pieza similar - UPD70F3116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3114A NEC-UPD70F3114A Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3114GC-8EU NEC-UPD70F3114GC-8EU Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3114GC-8EU-A NEC-UPD70F3114GC-8EU-A Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3114GCA-8EU NEC-UPD70F3114GCA-8EU Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
More results

Descripción similar - UPD70F3116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com