Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 27 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 27 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
CHAPTER 1 OVERVIEW OF EACH PRODUCT
Application Note U17121EJ1V1AN
27
(3) V850E/MA3
NMI
TOQ0 to TOQ3,
TOQT1 to TOQT3,
TOQB1 to TOQB3
ANI0 to ANI7
ANO0, ANO1
TCLR10, TIUD10, TCUD10
INTP10, INTP11
TO10
INTP000, INTP001, INTP004, INTP005
INTP010 to INTP013, INTP114, INTP115
INTP021, INTP022, INTP124 to INTP126
INTP130 to INTP134, INTP137, INTP050,
INTP051, INTP106, INTP107
INTC
TMENC
× 1 ch
TMD
× 4 ch
TMQ0
× 1 ch
TMP
× 3 ch
UARTA0/CSIB0
UARTA1/CSIB1
ADC
× 8 ch
DAC
× 2 ch
ROM
RAM
Note 2
CPU
32-bit
barrel shifter
PC
System
registers
General-
purpose
registers
(32 bits
× 32)
ALU
Multiplier
(32
× 32 → 64)
Ports
CG
DCU
System
controller
BCU
PSEL
CKSEL
X1
X2
CVDD
CVSS
RESET
MODE0, MODE1
VDD
VSS
EVDD
EVSS
TCK
TMS
TRST
TDO
TDI
TIQ, EVTQ, INTPQ0 to INTPQ3
EVTP0 to EVTP2, TIP0 to TIP2, INTPP00, INTPP01
INTPP10, INTPP11, INTPP20, INTPP21
TOP00, TOP01, TOP10,
TOP11, TOP20, TOP21
TXD2/SO2
RXD2/SI2
ASCK2/SCK2
UARTA2/CSIB2
ADTRG
TXD0/SO0
RXD0/SI0
ASCK0/SCK0
TXD1/SO1
RXD1/SI1
ASCK1/SCK1
AVDD0
AVSS0
AVDD1
AVSS1
Instruction
queue
MEMC
WAIT
HLDRQ
HLDAK
BUSCLK
A0 to A25
AD0 to AD15
CS0 to CS7
BCYST
RD
UWR, LWR/UBE, LBE
WR
ASTB
IORD
IOWR
SDCLK
SDCKE
SDRAS
SDCAS
WE
LDQM, UDQM
REFRQ
SRAM
ROM
DMAC
SDRAM
WDT
UARTA3/I
2CNote3
TXD3/SDA
Note 3
RXD3/SCL
Note 3
DMARQ0 to DMARQ3
DMAAK0 to DMAAK3
TC0 to TC3
Note 1
PLL
Notes 1.
µPD703131A, 703131AY, 703132A, 703132AY: 256 KB (mask ROM)
µPD703133A, 703133AY, 703134A, 703134AY: 512 KB (mask ROM)
µPD70F3134A, 70F3134AY:
512 KB (flash memory)
2.
µPD703131A, 703131AY, 703133A, 703133AY: 16 KB
µPD703132A, 703132AY, 703134A, 703134AY,
70F3134A, 70F3134AY:
32 KB
3. Available only in the
µPD703131AY, 703132AY, 703133AY, 703134AY, 703137AY, and 70F3134AY.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99