Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 35 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 35 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
CHAPTER 3 SPECIFICATIONS OF PCI HOST BRIDGE MACRO
Application Note U17121EJ1V1AN
35
3.4 Registers
The registers of the PCI host bridge macro are listed below. The bit width of all registers is 32 bits.
The offset address of each register is the offset value from the base address in the area in which the
I_CPU_CS0_B pin becomes active.
Offset Address
Register Name
R/W
Function
00H
PCI_CONFIG_DATA
R/W
PCI configuration register access data setting
04H
PCI_CONFIG_ADD
R/W
PCI configuration register access address setting
08H
PCI_CONTROL
R/W
PCI bus control
0CH
Reserved
10H
PCI_IO_BASE
R/W
Sets base address of PCI bus I/O space accessed from PCI I/O
area on CPU memory map
14H
PCI_MEM_BASE
R/W
Sets base address of PCI bus memory space accessed from PCI
memory area on CPU memory map
18H
PCI_INT_CTL
R/W
PCI error interrupt control
1CH
PCI_ERR_ADD
R
PCI error generation address retention
20H to 3FH
Reserved
40H
SYSTEM_MEM_BASE
R/W
Sets base address of system memory area mapped to PCI bus
memory space
44H
SYSTEM_MEM_RANGE
R/W
Sets range of system memory area mapped to PCI bus memory
space
48H
SDRAM_CTL
R/W
SDRAM access control
4CH to FFH
Reserved
3.4.1 PCI_CONFIG_DATA register
After reset: Undefined
R/W
Offset address: 00H
31
0
CDATA
Bit Name
R/W
Function
CDATA
R/W
PCI configuration register write access is executed by writing data to this field, and the data written
to this field is written to the access target register.
PCI configuration register read access is executed by reading this field, and the data of the access
target register is read.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn