Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 41 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 41 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 41 / 99 page
background image
CHAPTER 3 SPECIFICATIONS OF PCI HOST BRIDGE MACRO
Application Note U17121EJ1V1AN
41
3.4.8 SYSTEM_MEM_BASE register
When the main memory is accessed from the PCI device by setting the SYSTEM_MEM_BASE register and
SYSTEM_MEM_RANGE register, the register responds to an access of a matching address.
After reset: 00000000H
R/W
Offset address: 40H
31
16 15
0
S_BASE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit Name
R/W
Function
S_BASE
R/W
Sets the higher 16 bits (bits 16 to 31) of the base address on the PCI bus memory space in which
the main memory (SDRAM) is mapped.
3.4.9 SYSTEM_MEM_RANGE register
After reset: 0000FFFFH
R/W
Offset address: 44H
31
16 15
0
S_RANGE
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Bit Name
R/W
Function
S_RANGE
R/W
Sets the range of the PCI bus memory space in which the main memory (SDRAM) is mapped.
It can be set in 64 KB units.
0000H: 64 KB
0001H: 128 KB
:
000FH: 1 MB
:
00FFH: 16 MB
:
0FFFH: 256 MB
:
FFFFH: 4 GB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn