Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 57 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 57 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
Application Note U17121EJ1V1AN
57
CHAPTER 4 CONFIGURATION EXAMPLES OF FPGA INTEGRATION
This chapter describes configuration examples in which the PCI host bridge macro is integrated in an FPGA
(Altera’s EP20K200EQC240-1X).
4.1 Conditions for Configuration Examples of FPGA Integration
The conditions in the configuration examples are as follows.
(1) CPU:
V850E/ME2
(2) Bus width of external bus interface: 32 bits
(3) CS space of PCI host bridge:
CSZ6
(4) CS space of SDRAM:
CSZ3
(5) SDRAM:
Connecting two 16 M
× 16 SDRAMs (4 M × 16 × 4 banks)
(6) PCI connection:
2 devices
4.2 Points to Remember When Creating Top Layer of FPGA
Points to remember when integrating the PCI host bridge macro with an FPGA are indicated below.
(1) First decode the chip select from the address before creation.
• I_CPU_CS0_B: PCI host bridge register chip select
(Offset address in 3.4 Registers)
• I_CPU_CS1_B: PCI I/O area chip select
(See Figure 3-3 CPU Memory Space/PCI Bus I/O Space Address Map)
• I_CPU_CS2_B: PCI memory area chip select
(See Figure 3-4 CPU Memory Space/PCI Bus Memory Space Address Map)
(2) Because the buffers of the address bus and data bus for the expansion bus interface are output when the PCI
host bridge controls SDRAM, they become bidirectional pins via the selector.
The following pins that control SDRAM become 3-state output.
• DQM0 to DQM3, SDCKE, SDCS, SDRAS, SDCAS, SDWEZ
(3) The following PCI bus interface pins become bidirectional pins.
• AD, CBE, FRAME, IRDY, DEVSEL, TRDY, STOP, PAR, PERR
(4) There are three interrupt request output signals: one is output from the PCI host bridge; the remaining two are
INTA and INTB signals from the external PCI slot and are directly connected to the CPU.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn