Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 66 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 66 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
CHAPTER 4 CONFIGURATION EXAMPLES OF FPGA INTEGRATION
Application Note U17121EJ1V1AN
66
(2) CLK to signal valid delay signals
Pin
MIN.
MAX.
All PCI pins
2 ns
11 ns
The following specification values apply to the PCI bus timing (PCI CLK = 33 MHz).
Figure 4-1. Output Timing
CLK
TVAL
Output delay
Figure 4-2. Input Timing
CLK
TH
TSU
Input
Inputs
valid
Table 4-1. 33 MHz Timing Parameters
Symbol
Parameter
MIN. (ns)
MAX. (ns)
TVAL
CLK to signal valid delay bused signals
2
11
TVAL (ptp)
CLK to signal valid delay point to point signals
2
12
TSU
Input setup time to CLK bused signals
7
TSU (ptp)
Input setup time to CLK point to point signals
10
TH
Input hold time from CLK
0
4.6.3 SDRAM interface timing
The timing for interfacing with SDRAM depends on the external bus interface and the SDRAM to be connected.
Adjust the timing to suit the system.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn